Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9252-50EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9252-50EBZ
Description  Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9252-50EBZ Datasheet(HTML) 2 Page - Analog Devices

  AD9252-50EBZ Datasheet HTML 1Page - Analog Devices AD9252-50EBZ Datasheet HTML 2Page - Analog Devices AD9252-50EBZ Datasheet HTML 3Page - Analog Devices AD9252-50EBZ Datasheet HTML 4Page - Analog Devices AD9252-50EBZ Datasheet HTML 5Page - Analog Devices AD9252-50EBZ Datasheet HTML 6Page - Analog Devices AD9252-50EBZ Datasheet HTML 7Page - Analog Devices AD9252-50EBZ Datasheet HTML 8Page - Analog Devices AD9252-50EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
AD9252
Rev. 0 | Page 2 of 52
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Specifications.......................................................................... 4
Digital Specifications ................................................................... 5
Switching Specifications .............................................................. 6
Timing Diagrams.............................................................................. 7
Absolute Maximum Ratings............................................................ 9
Thermal Impedance ..................................................................... 9
ESD Caution.................................................................................. 9
Pin Configuration and Function Descriptions........................... 10
Equivalent Circuits ......................................................................... 12
Typical Performance Characteristics ........................................... 14
Theory of Operation ...................................................................... 17
Analog Input Considerations ................................................... 17
Clock Input Considerations...................................................... 19
Serial Port Interface (SPI).............................................................. 27
Hardware Interface..................................................................... 27
Memory Map .................................................................................. 29
Reading the Memory Map Table.............................................. 29
Reserved Locations .................................................................... 29
Default Values ............................................................................. 29
Logic Levels................................................................................. 29
Evaluation Board ............................................................................ 33
Power Supplies ............................................................................ 33
Input Signals................................................................................ 33
Output Signals ............................................................................ 33
Default Operation and Jumper Selection Settings................. 34
Alternative Analog Input Drive Configuration...................... 35
Outline Dimensions ....................................................................... 52
Ordering Guide .......................................................................... 52
REVISION HISTORY
10/06—Revision 0: Initial Version


Similar Part No. - AD9252-50EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9252-50EBZ AD-AD9252-50EBZ Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
More results

Similar Description - AD9252-50EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9681 AD-AD9681 Datasheet
1Mb / 40P
   Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
REV. A
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com