Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8121J80HABE23 Datasheet(PDF) 6 Page - ITT Industries

Part # 8121J80HABE23
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8121J80HABE23 Datasheet(HTML) 6 Page - ITT Industries

Back Button 8121J80HABE23 Datasheet HTML 2Page - ITT Industries 8121J80HABE23 Datasheet HTML 3Page - ITT Industries 8121J80HABE23 Datasheet HTML 4Page - ITT Industries 8121J80HABE23 Datasheet HTML 5Page - ITT Industries 8121J80HABE23 Datasheet HTML 6Page - ITT Industries 8121J80HABE23 Datasheet HTML 7Page - ITT Industries 8121J80HABE23 Datasheet HTML 8Page - ITT Industries 8121J80HABE23 Datasheet HTML 9Page - ITT Industries 8121J80HABE23 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
A–32
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
PLUNGER
BUSHING
1/4-40 UNS-2A
NONE
NO BUSHING
CHOICE REQUIRED
(JXX ACTUATORS)
Y9 .350" HIGH UNTHREADED, KEYWAY
H9 .250" HIGH UNTHREADED, FLAT
H .250" HIGH THREADED, FLAT
Y .350" HIGH THREADED, KEYWAY
D9 .280" HIGH UNTHREADED,
KEYWAY
D .280" HIGH THREADED, KEYWAY
M
SNAP-FITTING PLUNGER
L
PLUNGER
NONE
NO PLUNGER CHOICE REQUIRED
(JXX ACTUATORS)
S
PLUNGER
ACTUATOR OR PLUNGER
D, D9
.244 (6,20)
.228 (5,79)
.224 (5,69)
H, H9
.218 (5,54)
.202 (5,13)
.198 (5,03)
Y, Y9
.203 (5,16)
.187 (4,75)
.183 (4,65)
Y3
(5,54)
(5,13)
(5,03)
Y4
.185 (4,70)
.169 (4,29)
.165 (4,19)
D2, D8
N/A
.232 (5,89)
.228 (5,79)
D3
N/A
.162 (4,11)
.158 (4,01)
DIM. ‘A’
FOR V3-V61
TERMINATIONS
DIM. ‘A’
FOR A, A2, A3, A4, A6,
AV-A 3, R & R2
TERMINATIONS
DIM. ‘A’
FOR C, W-W4, Z & Z3
TERMINATIONS
AVAILABLE
BUSHINGS
D, D9
.297 (7,54)
.281 (7,14)
.277 (7,04)
H, H9
.267 (6,78)
.251 (6,38)
.247 (6,27)
Y, Y9
.259 (6,58)
.243 (6,17)
.239 (6,07)
Y3
(6,78)
(6,37)
(6,27)
Y4
.259 (6,58)
.243 (6,17)
.239 (6,07)
D2, D8
N/A
.273 (6,93)
.269 (6,83)
D3
N/A
.361 (9,17)
.357 (9,07)
DIM. ‘C’
FOR V3-V61
TERMINATIONS
DIM. ‘C’
FOR A, A2, A3, A4, A6,
AV-A 3, R & R2
TERMINATIONS
DIM. ‘C’
FOR C, W-W4, Z & Z3
TERMINATIONS
AVAILABLE
BUSHINGS
Y, Y9
.178 (4,52)
.162 (4,11)
.158 (4,01)
Y4
.090 (2,29)
.074 (1,88)
.070 (1,78)
DIM. ‘B’
FOR V3-V61
TERMINATIONS
DIM. ‘B’
FOR A, A2, A3, A4, A6,
AV-A 3, R & R2
TERMINATIONS
DIM. ‘B’
FOR C, W-W4, Z & Z3
TERMINATIONS
AVAILABLE
BUSHINGS
NOTE: When selecting plunger option, bushing selection must also be made, see next page. No plunger option is required when any
JXX actuator option is selected. Additional plunger lengths are available on SPDT and DPDT models, consult Customer Service Center.
Not all plunger lengths sufficient for use with caps, see page A-42.
H bushing standard with C, W-W4, Z or Z3 terminations.
H, H9 bushings not available on single pole models with
A3-A6, R, R2 terminations.
Will withstand 12 in./lbs. of torque with
no distortion.
D9 bushing standard with A-A6,
R, R2 AV-AV3 terminations.
N/A = NOT AVAILABLE
A


Similar Part No. - 8121J80HABE23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8121 ETC2-8121 Datasheet
891Kb / 8P
   BEAM POWER TUBE
logo
Heyco.
8121 HEYCO-8121 Datasheet
187Kb / 1P
   Ring and Spade Terminals
logo
Agilent(Hewlett-Packard...
8121-0723 HP-8121-0723 Datasheet
2Mb / 2P
   IPCMini Single Channel Ion Pump Controller
logo
Bourns Electronic Solut...
8121-RC BOURNS-8121-RC Datasheet
103Kb / 1P
   Common Mode Inductors (with Optional Header) Dielectric strength: 1500 Vrms
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
   Robot kit suction gripper
6/7/22
More results

Similar Description - 8121J80HABE23

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com