Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301110N00 Datasheet(PDF) 2 Page - ITT Industries

Part # 301110N00
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

301110N00 Datasheet(HTML) 2 Page - ITT Industries

  301110N00 Datasheet HTML 1Page - ITT Industries 301110N00 Datasheet HTML 2Page - ITT Industries 301110N00 Datasheet HTML 3Page - ITT Industries 301110N00 Datasheet HTML 4Page - ITT Industries 301110N00 Datasheet HTML 5Page - ITT Industries 301110N00 Datasheet HTML 6Page - ITT Industries 301110N00 Datasheet HTML 7Page - ITT Industries 301110N00 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
C&K 3 Series
Thumbwheel Switches
SERIES
NUMBER OF SECTIONS
FUNCTION CODE
N
Available Terminations: 0, 1, N
See fig. 1, page N-12.
Available Terminations: 1
See fig. 1, page N-12.
See fig. 1, page N-12.
Available Terminations: 0, 1, N
21
BCD 1-2-4-8; 10 POSITION
14
RESISTOR DECADE; 1-2-2-2-2 CODE
(RESISTORS NOT SUPPLIED)
11
DECIMAL–1 POLE; 10 POSITION
9
More than 8 switch sections, specify on CONFIGURATION FORM, page N–15 and consult Customer Service Center.
1-8 Number of switch sections in assembly, includes endplates.
0
Switch section only, no assembly. Blank bodies are considered sections; endplates are not sections.
Must be ordered with 09 or 19 mounting style options, see pages N–10 and N–11.
3
THUMBWHEEL SWITCHES
NOTE: Endplates and blank sections available separately, see pages N–13 and N–14.
NOTE: For terminal location diagram, see page N-12.
N–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 301110N00

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3011 MOLEX-3011 Datasheet
66Kb / 2P
   KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
Schurter Inc.
3011 SCHURTER-3011 Datasheet
379Kb / 3P
   Power Cord with IEC Connector C13, Angled
3011 SCHURTER-3011 Datasheet
400Kb / 3P
   Power entry modules without line filter
logo
KR Electronics, Inc.
3011 KR-3011 Datasheet
62Kb / 3P
   70 MHz Center Frequency
logo
Heyco.
3011 HEYCO-3011 Datasheet
111Kb / 1P
   Vent Plugs and Thick Panel Vent Plugs
More results

Similar Description - 301110N00

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com