Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS304 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LVDS304
Description  PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS304 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS304 Datasheet HTML 2Page - Texas Instruments SN65LVDS304 Datasheet HTML 3Page - Texas Instruments SN65LVDS304 Datasheet HTML 4Page - Texas Instruments SN65LVDS304 Datasheet HTML 5Page - Texas Instruments SN65LVDS304 Datasheet HTML 6Page - Texas Instruments SN65LVDS304 Datasheet HTML 7Page - Texas Instruments SN65LVDS304 Datasheet HTML 8Page - Texas Instruments SN65LVDS304 Datasheet HTML 9Page - Texas Instruments SN65LVDS304 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
www.ti.com
SN65LVDS304
SLLS764 – SEPTEMBER 2006
TERMINAL FUNCTIONS
NAME
I/O
DESCRIPTION
D0+, D0–
SubLVDS data link (active during normal operation)
SubLVDS data link (active during normal operation when LS = high, high-impedance if LS = low); input
D1+, D1–
SubLVDS in
can be left open if unused.
CLK+, CLK–
SubLVDS input pixel clock; polarity is fixed.
R0–R7
Red-pixel data (8); pin assignment depends on SWAP pin setting.
G0–G7
Green-pixel data (8); pin assignment depends on SWAP pin setting.
B0–B7
Blue-pixel data (8); pin assignment depends on SWAP pin setting.
HS
CMOS out
Horizontal sync
VS
Vertical sync
DE
Data enable
PCLK
Output pixel clock; rising or falling clock polarity is selected by control input CPOL.
LS
Link select (determines active SubLVDS data links and PLL range); see Table 2.
Disables the CMOS Drivers and Turns Off the PLL, putting device in shutdown mode
1 – Receiver enabled
0 – Receiver disabled (shutdown)
Note: The RXEN input incorporates glitch suppression logic to avoid unwanted switching. The input
RXEN
must be pulled low for longer than 10
µs continuously to force the receiver to enter shutdown. The input
must be pulled high for at least 10
µs continuously to activate the receiver. An input pulse shorter than
5
µs is interpreted as a glitch and becomes ignored. At power up, the receiver is enabled immediately if
RXEN = H and disabled if RXEN = L.
Output clock polarity selection
CMOS In
CPOL
0 – rising edge clocking
1 – falling edge clocking
Bus swap swaps the bus pins to allow device placement on top or bottom of PCB. See pinout drawing
for pin assignments.
SWAP
0 – data output from R7...B0
1 – data output from B0...R7
CMOS bus rise time select
F/S
1 – fast-output rise time
0 – slow-output rise time
Channel parity error
This output indicates the detection of a parity error by generating an output high-pulse for half of a
PCLK clock cycle; this allows counting parity errors with a simple counter.
CPE
CMOS out
0 – no error
high-pulse – bit error detected
VDD
Supply voltage
GND
Supply ground
VDDLVDS
SubLVDS I/O supply voltage
GNDLVDS
SubLVDS ground
Power supply
VDDPLLA
PLL analog supply voltage
GNDPLLA
PLL analog GND
VDDPLLD
PLL digital supply voltage
GNDPLLD
PLL digital GND
6
Submit Documentation Feedback


Similar Part No. - SN65LVDS304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS301ZQE TI-SN65LVDS301ZQE Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301ZQE TI-SN65LVDS301ZQE Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
More results

Similar Description - SN65LVDS304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS302 TI-SN65LVDS302_07 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS310 TI1-SN65LVDS310 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS308 TI-SN65LVDS308 Datasheet
1Mb / 37P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS306 TI-SN65LVDS306 Datasheet
1Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS302 TI-SN65LVDS302 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS314 TI1-SN65LVDS314 Datasheet
1Mb / 44P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS302 TI-SN65LVDS302_V01 Datasheet
2Mb / 49P
[Old version datasheet]   SN65LVDS302 Programmable 27-Bit Serial-to-Parallel Receiver
SN65LVDS307 TI-SN65LVDS307 Datasheet
663Kb / 29P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_V01 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS305 TI-SN65LVDS305 Datasheet
712Kb / 25P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com