Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-W6765 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # STR-W6765
Description  Quasi-Resonant Topology Primary Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-W6765 Datasheet(HTML) 4 Page - Allegro MicroSystems

  STR-W6765 Datasheet HTML 1Page - Allegro MicroSystems STR-W6765 Datasheet HTML 2Page - Allegro MicroSystems STR-W6765 Datasheet HTML 3Page - Allegro MicroSystems STR-W6765 Datasheet HTML 4Page - Allegro MicroSystems STR-W6765 Datasheet HTML 5Page - Allegro MicroSystems STR-W6765 Datasheet HTML 6Page - Allegro MicroSystems STR-W6765 Datasheet HTML 7Page - Allegro MicroSystems STR-W6765 Datasheet HTML 8Page - Allegro MicroSystems STR-W6765 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Quasi-Resonant Topology
Primary Switching Regulators
STR-W6765
4
Channel Junction Temperature, TJ (°C)
0
20
40
60
80
100
25
50
75
100
125
150
Time, t (s)
0.001
0.010
0.100
1.000
10.000
100μ
10μ
10m
1m
100m
Ambient Temperature, TA (°C)
0
5
10
15
20
25
30
0
20
40
60
80
100 120 140 160
PD1 = 1.3 W at TA
Without heatsink
With infinite heatsink
PD1 = 28.7 W at TA
Figure 3 – MOSFET Avalanche Energy Derating Curve
Figure 4 – Transient Thermal Resistance
Figure 5 – MOSFET Power Dissipation versus Temperature
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - STR-W6765

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-W6765 SANKEN-STR-W6765 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6765 SANKEN-STR-W6765 Datasheet
227Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6765N SANKEN-STR-W6765N Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
More results

Similar Description - STR-W6765

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-W6735_V ALLEGRO-STR-W6735_V Datasheet
225Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6735 ALLEGRO-STR-W6735 Datasheet
413Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6754 SANKEN-STR-W6754 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6765 SANKEN-STR-W6765 Datasheet
227Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6756 SANKEN-STR-W6756 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6753 SANKEN-STR-W6753 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6735 SANKEN-STR-W6735 Datasheet
226Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com