Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHA4540 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AHA4540
Description  TPC EVALUATION BOARD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHA4540 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AHA4540 Datasheet HTML 1Page - List of Unclassifed Manufacturers AHA4540 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHA4540 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
comtech aha corporation
CONNECTORS
Data I/O
SMA connectors are used for Inputs and outputs
for all high speed serial clock and data interfaces.
The payload side SMA connectors may connect
directly to a BERT transmitter and receiver. The
channel side connections would normally be
through the parallel flat cable connectors. The
parallel connections for the three parallel ports other
than the USER_CDATA use 50 pin twisted pair flat
cables with every other conductor grounded.
Control Port
RS232 connection to the host PC is through a 9-
pin DC shell connector located on the back of the
board. Configuration and monitoring of the EVB
operation is done through this port. A pentium class
PC running Windows OS is required.
Power
5.0V Power is supplied by the user’s power
supply. Maximum current required is 2.0 Amps.
FUNCTIONAL OVERVIEW
The AHA4540 simultaneously encodes and
decodes user provided data using Turbo Product
Codes (TPCs). User provided data is clocked into
the EVB serially using signals S-UCLK and
S_UDATA from coaxial SMA connectors, or with
parallel 8-bit transfers using USER_UDATA from
the parallel connector JP3 and ready/accept
handshake signals. In Figure 1, CPLD_1 contains
the multiplexor that selects either serial data with
clock, or parallel data from the USER_UDATA bus.
Control of this multiplexor is via the AHAESB
Windows software provided. The TPC encoder in
the AHA4540 device encodes the data, adds FEC
bits, then outputs the data to CPLD_3 where the
data gets serialized and transmitted to the channel
along with the clock, S_EDATA and S_ECLK, and
also driven out in 8-bit wide format to the
USER_EDATA bus on JP4.
Once the data is output from the evalutation
board on either the serial or parallel encoded data
interfaces, it is transmitted through an external
channel where the data is corrupted by the addition
of noise resulting in data bit errors. This corrupted
data is clocked into the evaluation board serially
using S_CCLK and S_CDATA or using the
USER_CDATA 16-bit wide parallel input bus on
JP5.
The S_CDATA signal is useful for wrapping
around hard decision channel data back into the
AHA4540 TPC decoder. For soft decision data the
16-bit parallel port must be used. The CDATA port
of the AHA4540 accepts up to 16-bits per clock
transfers of received channel data. This data may be
I,Q data or soft metrics. The chip can accept up to
four I,Q pairs or four soft metrics per transfer. In
serial streaming mode the received serial channel
data is deserialized into four soft metrics with the
lower 3 bits of each metric forced to zero in the
FPGA. The TPC decoder in the AHA4540 corrects
the data errors and outputs the corrected blocks
through CPLD_2 in both serialized clock and data
format, S_DDATA, S_DCLK, and parallel format
to the USER_DDATA bus on JP2.


Similar Part No. - AHA4540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4540B ETC1-AHA4540B Datasheet
211Kb / 4P
   155 MBITS/SEC TURBO PRODUCT CODE ENCODER/DECODER
AHA4540B-086PQC ETC1-AHA4540B-086PQC Datasheet
211Kb / 4P
   155 MBITS/SEC TURBO PRODUCT CODE ENCODER/DECODER
AHA4540B-086PQI ETC1-AHA4540B-086PQI Datasheet
211Kb / 4P
   155 MBITS/SEC TURBO PRODUCT CODE ENCODER/DECODER
More results

Similar Description - AHA4540

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com