Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4UC-G1-ST Datasheet(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

Part # ASI4UC-G1-ST
Description  Universal Actuator-Sensor Interface IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ASI4UC-G1-ST Datasheet(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  ASI4UC-G1-ST Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ASI4UC-G1-ST Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ASI4UC-G1-ST Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ASI4UC-G1-ST Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ASI4UC-G1-ST Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ASI4UC-G1-ST Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ASI4UC-G1-ST Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ASI4UC-G1-ST Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ASI4UC-G1-ST Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Datasheet
ZENTRUM MIKROELEKTRONIK DRESDEN AG
“ASI for you” IC
Copyright © 2006, ZMD AG, Rev.1.4
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
5/57
1
General Device Specification
1.1 Absolute Maximum Ratings (Non Operating)
Table 1: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
V0V, VGND
Voltage reference
0
0
V
VASIP-ASIN
Voltage difference between ASIP and ASIN (VASIP - VASIN)
-0.3
40
V
1
VASIP-ASIN_P Pulse voltage between ASIP and ASIN (VASIP - VASIN)
-0.3
50
V
2
VASIP
Pulse voltage between ASIP and 0V (VASIP – V0V)
-0.3
50
V
2, 3
VASIN
Voltage between ASIN and 0V (VASIN – V0V)
-6.0
6.0
V
3
VUIN
Power supply input voltage
-0.3
40
V
VUIN_P
Pulse voltage at power supply input
-0.3
50
V
2
Vinputs1
Voltage at pins DI3 ... DI0, DO3 ... DO0, P3 ... P0, DSR, PST,
LED1, LED2, FID, IRD, UOUT
-0.3
VUIN + 0.3
V
Vinputs2
Voltage at pins OSC1, OSC2, CAP, U5R
-0.3
7
V
Iin
Input current into any pin except supply pins
-50
50
mA
4
H
Humidity non-condensing
5
VHBM1
Electrostatic discharge – Human Body Model (HBM1)
3500
V
6
VHBM2
Electrostatic discharge – Human Body Model (HBM2)
2000
V
7
VEDM
Electrostatic discharge – Equipment Discharge Model (EDM)
400
V
8
θSTG
Storage temperature
-55
125
°C
Ptot
Total power dissipation
0.85
W
9
Rthj
Thermal resistance of SSOP 28 package
40
80
K/W
10
1
reverse polarity protection has to be performed
externally
2
pulse with
≤ 50µs, repetition rate ≤ 0.5 Hz
3
VASIP-ASIN and VASIP-ASIN_P must not be violated
4
Latch-up resistance, reference pin is 0V
5
Level 4 according to JEDEC-020A is guaranteed
6
HBM1: C = 100pF charged to VHBM1 with resistor
R = 1.5k
Ω in series, valid for ASIP-ASIN only.
7
HBM2: C = 100pF charged to VHBM2 with resistor
R = 1.5k
Ω in series, valid for all pins except ASIP-
ASIN
8
EDM: C = 200pF charged to VEDM with no resistor
in series, valid for ASIP-ASIN only
9
at max. operating temperature, the allowed total
power dissipation depends on additional thermal
resistance from package to ambient and on the operation ambient temperature as shown in Figure 1.
Ptot = f (Ta); 1L / 2L = 1 layer / 2 layer PCB
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-25
0
25
50
75
100
Ta
Ptot (2L)
Ptot (1L)
Figure 1: Ptot = f(
θa)
10 Single layer board, P
tot = 0.5W; air velocity = 0m/s ⇒ max. value; air velocity = 2.5m/s ⇒ min. value


Similar Part No. - ASI4UC-G1-ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
logo
Integrated Device Techn...
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
List of Unclassifed Man...
ASI4U-E ETC2-ASI4U-E Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
ASI4U-F ETC2-ASI4U-F Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
More results

Similar Description - ASI4UC-G1-ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
   Universal Actuator-Sensor Interface IC
logo
Melexis Microelectronic...
MLX75030 MELEXIS-MLX75030 Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
logo
Pepperl+Fuchs Inc.
VBA-4E4A-G12-XEL PF-VBA-4E4A-G12-XEL Datasheet
332Kb / 3P
   AS-Interface sensor/actuator module
VBA-4E-KE1-Z PF-VBA-4E-KE1-Z Datasheet
272Kb / 3P
   AS-Interface sensor/actuator module
VBA-4E-KE-ZEJQ PF-VBA-4E-KE-ZEJQ Datasheet
311Kb / 3P
   AS-Interface sensor/actuator module
VBA-2E-G10-ZAL-1M-2V31-G PF-VBA-2E-G10-ZAL-1M-2V31-G Datasheet
365Kb / 3P
   AS-Interface sensor/actuator module
VBA-4E-KE5-ZEJQ PF-VBA-4E-KE5-ZEJQ Datasheet
511Kb / 3P
   AS-Interface sensor/actuator module
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
   Pressure Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com