Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN211A Datasheet(PDF) 8 Page - Motorola, Inc

Part # AN211A
Description  FIFELD EFFECT TRANSISTORS IN THEORY AND PRACTICE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN211A Datasheet(HTML) 8 Page - Motorola, Inc

Back Button AN211A Datasheet HTML 4Page - Motorola, Inc AN211A Datasheet HTML 5Page - Motorola, Inc AN211A Datasheet HTML 6Page - Motorola, Inc AN211A Datasheet HTML 7Page - Motorola, Inc AN211A Datasheet HTML 8Page - Motorola, Inc AN211A Datasheet HTML 9Page - Motorola, Inc AN211A Datasheet HTML 10Page - Motorola, Inc AN211A Datasheet HTML 11Page - Motorola, Inc AN211A Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN211A
8
MOTOROLA SEMICONDUCTOR APPLICATION INFORMATION
6000
5000
3000
2000
1000
700
500
300
0.1
0.2
0.5
1.0
2.0
5.0
10
2N4222, A
2N4221, A
2N4220, A
ID, DRAIN CURRENT (mA)
VDS = 15 V
TA = 25°C
f = 1.0 kHz
Figure 14. Forward Transfer Admittance versus Drain
Current for Typical JFETs
gfs
- bfs
yfs
VDS = 15 Vdc
VGS = 0
1000
500
300
1.0
2.0
5.0
200
100
50
30
20
10
0
4.0
3.0
f, FREQUENCY (MHz)
Figure 15. Forward Transfer Admittance versus
Frequency
VDS
AC
VTVM
S
D
RS
GI
YOS =
Vout
VDS
RS SENSES AC DRAIN CURRENT
RS OF SUCH VALUE AS TO CAUSE
NEGLIGIBLE DC DROP.
Vout
AC
VTVM
VDD
BYPASS
RS
Figure 16. yos Measurement Circuit for Depletion FETs
Voltages and frequencies for measuring yos should be
exactly the same as those for measuring yfs. Like yfs, it is
a complex number and should be specified as a magnitude
at 1 kHz and in complex form at high frequencies.
µ Closely related to yos and yfs is the amplification fac-
tor,
µ:
µ = ∆VDS/∆VGS
ID = K
The amplification factor does not appear on the field-effect
transistor registration format but can be calculated as yfs/yos.
For most small-signal applications,
µ has little circuit
significance. It does, however, serve as a general indication
of the quality of the field-effect manufacturing process.
Ciss The common-source-circuit input capacitance, Ciss,
takes the place of yis in low-frequency field-effect transistors.
This is because yis is entirely capacitive at low frequencies.
Ciss is conveniently measured in the circuit of Figure 17 for
the tetrode JFET. As with yfs, two measurements are
necessary for tetrode-connected devices.
At very high frequencies, the real component of yis
becomes important so that rf field-effect transistors should
have yis specified as a complex number at the same
conditions as other high-frequency parameters. For
tetrode-connected rf FETs, reading of both Gate 2 to source
and Gate 1 tied to Gate 2 are necessary.
In switching applications Ciss is of major importance since
a large voltage swing at the gate must appear across Ciss.
Thus, Ciss must be charged by the input voltage before
turn-on effectively begins.
Crss Reverse transfer admittance (yrs) does not appear on
FET data sheets. Instead Crss, the reverse transfer
capacitance, is specified at low frequency. Since yrs for a
field-effect transistor remains almost completely capacitive
and relatively constant over the entire usable FET frequency
spectrum, the low-frequency capacitance is an adequate
specification. Crss is measured by the circuit of Figure 18. For
tetrode FETs, values should be specified for Gate 1 and for
both gates tied together.
Again, for switching applications Crss is a critical
characteristic. Similar to the Cob of a junction transistor, Crss
must be charged and discharged during the switching
interval. For a chopper application, Crss is the feedthrough
capacitance for the chopper drive.
Cd(sub) For the MOSFET, the drain-substrate junction
capacitance becomes an important characteristic affecting
the switching behavior. Cd(sub) appears in parallel with the
load in a switching circuit and must be charged and
discharged between the two logic levels during the switching
interval.
Noise Figure (NF)
Like all other active components,
field-effect transistors generate a certain amount of noise.
The noise figure for field-effect transistors is normally
specified on the data sheet as “spot noise”, referring to the
noise at a particular frequency. The noise figure will vary with
frequency and also with the resistance at the input of the
device. Typical graphs of such variations are illustrated in
Figure 19 for the 2N5458. From graphs of this kind the
designer can anticipate the noise level inherent in his design.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - AN211A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN211 ETC2-AN211 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN2110S ETC-AN2110S Datasheet
349Kb / 6P
   Video Camera Signal Processing Circuit
logo
STMicroelectronics
AN2115 STMICROELECTRONICS-AN2115 Datasheet
825Kb / 33P
   This application note details the main features
AN2119 STMICROELECTRONICS-AN2119 Datasheet
934Kb / 19P
   Getting Started with uClinux for STR71x
More results

Similar Description - AN211A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN7332 INTERSIL-AN7332 Datasheet
65Kb / 5P
   Field-Effect Transistors
logo
Motorola, Inc
MTD5N05 MOTOROLA-MTD5N05 Datasheet
172Kb / 5P
   Power Field Effect Transistors
logo
Guangdong Kexin Industr...
2SK2479 KEXIN-2SK2479 Datasheet
44Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK160 RENESAS-2SK160 Datasheet
490Kb / 8P
   JUNCTION FIELD EFFECT TRANSISTORS
1984
2SK2359 RENESAS-2SK2359 Datasheet
257Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Motorola, Inc
UC310 MOTOROLA-UC310 Datasheet
32Kb / 1P
   FIELD-EFFECT TRANSISTORS DICE
logo
Guangdong Kexin Industr...
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2941 RENESAS-2SK2941 Datasheet
218Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1997
2SK853 RENESAS-2SK853 Datasheet
347Kb / 6P
   JNCTION FIELD EFFECT TRANSISTORS
1987
logo
Guangdong Kexin Industr...
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
   MOS Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com