Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8225J80D9AV2BE23 Datasheet(PDF) 2 Page - ITT Industries

Part # 8225J80D9AV2BE23
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8225J80D9AV2BE23 Datasheet(HTML) 2 Page - ITT Industries

  8225J80D9AV2BE23 Datasheet HTML 1Page - ITT Industries 8225J80D9AV2BE23 Datasheet HTML 2Page - ITT Industries 8225J80D9AV2BE23 Datasheet HTML 3Page - ITT Industries 8225J80D9AV2BE23 Datasheet HTML 4Page - ITT Industries 8225J80D9AV2BE23 Datasheet HTML 5Page - ITT Industries 8225J80D9AV2BE23 Datasheet HTML 6Page - ITT Industries 8225J80D9AV2BE23 Datasheet HTML 7Page - ITT Industries 8225J80D9AV2BE23 Datasheet HTML 8Page - ITT Industries 8225J80D9AV2BE23 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
A–28
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
SWITCH FUNCTION
3PDT
1-2,4-5,7-8
1-3,4-6,7-9
MOM.
MOM.
ON
ON
U831
8321
8325
3P
DPDT
1-2,4-5
1-3,4-6
MOM.
MOM.
ON
ON
U821
8221
8225
DP
SPDT
1-2
1-3
MOM.
MOM.
ON
ON
U811
8121
8125
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
UL/CSA*
MODEL
NO.
MODEL NO.
NO.
POLES
SPDT
DPDT
3PDT
Terminal Nos.
For Reference Only
Terminal Nos.
For Reference Only
Part number shown: 8121SHZGE
Part number shown: 8221SHZGE
Terminal Nos.
For Reference Only
Part number shown: 8321SHZGE
C&K marking on
opposite side
C&K marking on
opposite side
MOM. = Momentary
*U811 thru U841 model numbers
with all options (except R, R2 terminations)
when ordered with G ,L or R contact material.
8X25 models must be ordered with B, K or P contact material.
8X21 and U8X1 models must be ordered with G, L or R contact material.
A


Similar Part No. - 8225J80D9AV2BE23

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8225 MALLORY-8225 Datasheet
547Kb / 2P
   MSD GM HEI Coil
logo
3M Electronics
8225-6000 3M-8225-6000 Datasheet
501Kb / 4P
   3M D Sub Plug
8225-6000 3M-8225-6000 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8225-6003 3M-8225-6003 Datasheet
501Kb / 4P
   3M D Sub Plug
8225-6003 3M-8225-6003 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
More results

Similar Description - 8225J80D9AV2BE23

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com