Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB83AA22A Datasheet(PDF) 5 Page - Texas Instruments

Part # TSB83AA22A
Description  IEEE Std 1394b-2002 Phy and OHCI Link Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB83AA22A Datasheet(HTML) 5 Page - Texas Instruments

  TSB83AA22A Datasheet HTML 1Page - Texas Instruments TSB83AA22A Datasheet HTML 2Page - Texas Instruments TSB83AA22A Datasheet HTML 3Page - Texas Instruments TSB83AA22A Datasheet HTML 4Page - Texas Instruments TSB83AA22A Datasheet HTML 5Page - Texas Instruments TSB83AA22A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.ti.com
TSB83AA22A
SLLA255 – APRIL 2006
The LPS input is considered inactive if it remains low for more than the LPS_RESET time (see the LPS terminal
definition) and is considered active otherwise. When the Phy section detects that the LPS input is inactive, the
PHY section–LLC section interface is placed into a low-power reset state in which the CTL and D outputs are
held in the logic 0 state and the LREQ input is ignored; however, the PCLK output remains active. If the LPS
input remains low for more than the LPS_DISABLE time (see the LPS terminal definition), then the Phy
section–LLC section interface is put into a low-power disabled state in which the PCLK output is also held
inactive. The TSB83AA22A continues the necessary Phy repeater functions required for normal network
operation regardless of the state of the Phy section–LLC section interface. When the interface is in the reset or
disabled state and the LPS input is again observed active, the Phy section initializes the interface and returns to
normal operation. The Phy section–LLC section interface is also held in the disabled state during hardware
reset. When the LPS terminal is returned to an active state after being sensed as having entered the
LPS_DISABLE time, the TSB83AA22A issues a bus reset. This broadcasts the node self-ID packet, which
contains the updated L bit state (the Phy section and LLC section now being accessible).
The Phy section uses the LKON terminal to notify the LLC section to power up and become active. When
activated, the output LKON signal is a square wave. The Phy section activates the LKON output when the LLC
section is inactive and a wake-up event occurs. The LLC section is considered inactive when either the LPS
input is inactive, as described above, or the LCtrl bit is cleared to 0. A wake-up event occurs when a link-on Phy
packet addressed to this node is received, or conditionally when a Phy interrupt occurs. The Phy section
deasserts the LKON output when the LLC section becomes active (both LPS sensed as active and the LCtrl bit
set to 1). The Phy section also deasserts the LKON output when a bus reset occurs, unless a Phy interrupt
condition exists which would otherwise cause LKON to be active. If the TSB83AA22A is power cycled and the
power class is 0 through 4, then the Phy section asserts LKON for approximately 167
µs or until both the LPS is
active and the LCtrl bit is 1.
Special Note: This product is for high-volume PC applications only. Contact support@ti.com for more
information.
5
Submit Documentation Feedback


Similar Part No. - TSB83AA22A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA22A TI1-TSB83AA22A Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22AZAJ TI1-TSB83AA22AZAJ Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_08 Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_14 Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
More results

Similar Description - TSB83AA22A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA23 TI-TSB83AA23 Datasheet
145Kb / 8P
[Old version datasheet]   IEEE Std 1394b-2002 PHY AND OHCI LINK DEVICE
TSB83AA22A TI1-TSB83AA22A_14 Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_08 Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
XIO2221 TI1-XIO2221 Datasheet
1Mb / 196P
[Old version datasheet]   PCI Express??TO 1394b OHCI WITH 1-PORT PHY
XIO2213A TI-XIO2213A_10 Datasheet
1Mb / 186P
[Old version datasheet]   PCI Express to 1394b OHCI with 3-Port PHY
XIO2213B TI-XIO2213B Datasheet
2Mb / 199P
[Old version datasheet]   PCI Express??TO 1394b OHCI WITH 3-PORT PHY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com