Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8221J80HABE223 Datasheet(PDF) 10 Page - ITT Industries

Part # 8221J80HABE223
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8221J80HABE223 Datasheet(HTML) 10 Page - ITT Industries

Back Button 8221J80HABE223 Datasheet HTML 6Page - ITT Industries 8221J80HABE223 Datasheet HTML 7Page - ITT Industries 8221J80HABE223 Datasheet HTML 8Page - ITT Industries 8221J80HABE223 Datasheet HTML 9Page - ITT Industries 8221J80HABE223 Datasheet HTML 10Page - ITT Industries 8221J80HABE223 Datasheet HTML 11Page - ITT Industries 8221J80HABE223 Datasheet HTML 12Page - ITT Industries 8221J80HABE223 Datasheet HTML 13Page - ITT Industries 8221J80HABE223 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
A–36
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING
Reversed terminals
PC MOUNTING
PC MOUNTING
AV
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .100" PITCH
A6
RIGHT ANGLE, PC THRU-HOLE
R2
RIGHT ANGLE WITH PCB, REVERSED TERMINALS
R
RIGHT ANGLE WITH PCB
Not available with JXX actuators, D3, H, H9, Y3, Y4 bushings and I seal.
Terminal bend radii and lead-in manufacturing option.
Not available with JXX actuators, D3, H, H9, Y3, Y4 bushings, I seal option.
R termination not UL/CSA approved.
Not available with JXX actuators, D3, H, H9, Y3, Y4 bushings, I seal option.
R2 termination not UL/CSA approved.
The A6 and R termination options are functionally identical and fit the same PC mounting pattern,
The switches, however, are shifted relative to the mounting holes. The PC pattern must clear the
switch support legs. Unlike the R, the A6 option is available with UL/CSA.
8121SD9A6GE
SPDT
8121SD9RGE
SPDT
8121SD9R2GE
SPDT
8121SD9AVGE
SPDT
A


Similar Part No. - 8221J80HABE223

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8221 BURKERT-8221 Datasheet
1Mb / 18P
   Conductivity sensor for hygienic applications
26.03.2024
logo
List of Unclassifed Man...
8221050 ETC2-8221050 Datasheet
1Mb / 4P
   PA 6 normal profile conduit
8221051 ETC2-8221051 Datasheet
1Mb / 4P
   PA 6 normal profile conduit
8221052 ETC2-8221052 Datasheet
1Mb / 4P
   PA 6 normal profile conduit
8221053 ETC2-8221053 Datasheet
1Mb / 4P
   PA 6 normal profile conduit
More results

Similar Description - 8221J80HABE223

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com