Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM3038 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GM3038
Description  Programmable DynamEQII
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GM3038 Datasheet(HTML) 3 Page - Gennum Corporation

  GM3038 Datasheet HTML 1Page - Gennum Corporation GM3038 Datasheet HTML 2Page - Gennum Corporation GM3038 Datasheet HTML 3Page - Gennum Corporation GM3038 Datasheet HTML 4Page - Gennum Corporation GM3038 Datasheet HTML 5Page - Gennum Corporation GM3038 Datasheet HTML 6Page - Gennum Corporation GM3038 Datasheet HTML 7Page - Gennum Corporation GM3038 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
521 - 62 - 04
3.9k
2
µ2
RVC
100k
VB
SDA
BOUT
BIN
0
µ22
0
µ22
C1
C6
C5
GM3038
C2
C4
C3
C7
0
µ1
0
µ1
0
µ1
0
µ2
10n
R2
150k
R3
150k
R4
300k
ER102
R6
600k
R5
1M
R2R
VSS
SDA
R3R
R4R
R5S
R5R
R6S
R6R
VDD
2
3
4
8
5
6
7
1
SLOW
AVERAGE
DETECTOR
FAST
AVERAGE
DETECTOR
CONTROL
10k
RECTIFIER
VB
50k
REGULATOR
48k
48k
8k4
1M
1M
14k
12k
1
X
- B
- A
- C
24 dB / Oct
BAND SPLIT
FILTER
High Frequency
Expander / Compressor
Low Frequency
Expander / Compressor
R
AGC_IN
RH
RL
53.5k
85.6k
RLO
RHI
4:1
1:1A
CSAD
MPO
RTH
BOUT
BIN
RFC
FOUT
AOUT
REC
OUT
1:1B
CFAD
VB
VREG
IN
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VB
50k
All resistors in ohms, all capacitors in farads unless otherwise stated
Fig. 1 Production Test Circuit
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STAGE A and B
--
-
Open Loop Gain (B)
A
OL_B
-52
-
dB
Input Impedance (A)
R
IN
911
13
k
OUTPUT STAGE
Stage Gain
A
C
V
IN
=-30dBV
7
9
11
dB
Max Output Level
MPO
R
VC
=220k
Ω,V
IN
=-25dBV
-14.5
-12.5
-10.5
dBV
MPO Range
∆MPO
R2 - set 0 to set 11
13
15
17
dB
Output Resistance
R
OUT
-24
-
k
ELECTRICAL CHARACTERISTICS continued
Table of Defaults
R2 - set 0
R3 - set 15
R4 - set 7
R5 - set 0
R6 - set 0
Refer to ER102 Data Sheet for GM3038 communication and SDA pin Electrical Characteristics
Conditions: Supply Voltage V
B
= 1.3 V, Frequency = 1 kHz, Temperature = 25
°C
The programmable parameters are adjusted to the following set values unless otherwise specified. (MPO) R2 - set 0; (TH) R3 - set 15;
(FC) R4 - set 7; (HP) R5 - set 0; (LP) R6 - set 0
All conditions and parameters remain as shown in the Test Circuit unless otherwise specified in the CONDITIONS column.


Similar Part No. - GM3038

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
GM3030 MPSIND-GM3030 Datasheet
149Kb / 2P
   Single ratio (see schematic), thru-hole package
logo
Mallory performance clu...
GM303MX MALLORY-GM303MX Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
GM303MX MALLORY-GM303MX Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
GM303MX3 MALLORY-GM303MX3 Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
GM303MX3 MALLORY-GM303MX3 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results

Similar Description - GM3038

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT91600 ZARLINK-MT91600 Datasheet
315Kb / 18P
   Programmable SLIC
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Omron Electronics LLC
NS-SERIES OMRON-NS-SERIES Datasheet
13Mb / 22P
   Programmable Terminals
logo
JFW Industries, Inc.
50PA-125-XX JFW-50PA-125-XX Datasheet
283Kb / 2P
   PROGRAMMABLE ASSEMBLY
50PA-218-XX JFW-50PA-218-XX Datasheet
440Kb / 3P
   PROGRAMMABLE ASSEMBLY
50PA-857 JFW-50PA-857 Datasheet
114Kb / 1P
   PROGRAMMABLE ASSEMBLY
50PA-976-XX JFW-50PA-976-XX Datasheet
67Kb / 1P
   PROGRAMMABLE ASSEMBLY
75PA-073 JFW-75PA-073 Datasheet
81Kb / 1P
   PROGRAMMABLE ASSEMBLY
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com