Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9201KCWZ4QE2 Datasheet(PDF) 2 Page - ITT Industries

Part # 9201KCWZ4QE2
Description  Power Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9201KCWZ4QE2 Datasheet(HTML) 2 Page - ITT Industries

  9201KCWZ4QE2 Datasheet HTML 1Page - ITT Industries 9201KCWZ4QE2 Datasheet HTML 2Page - ITT Industries 9201KCWZ4QE2 Datasheet HTML 3Page - ITT Industries 9201KCWZ4QE2 Datasheet HTML 4Page - ITT Industries 9201KCWZ4QE2 Datasheet HTML 5Page - ITT Industries 9201KCWZ4QE2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G–49
G
C&K 9000 Series
Power Toggle Switches
SWITCH FUNCTION
ACTUATOR
15/32-32 UNS-2A
15/32-32 UNS-2A
1/4 40 UNS-2A
DPDT
2-1,5-4
2-3,5-6
ON
ON
ON
ON
6 AMPS
10 AMPS
9201
9221
DP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
RATING*
MODEL NO.
NO.
POLES
Terminal Nos.
Molded On Side Of Case
DPDT
Part number shown: 9201SH3ZQE
* See CONTACT MATERIAL, page G-52, for complete ratings.
All 9000 Series models meet international dimensional and electrical requirements.
9221 model must be ordered with Z4 terminations and D seal option.
ACTUATOR FINISH
ACTUATOR
S
ANTIROTATION, .410" HIGH
P3
FLATTED, ANTIROTATION, .450" HIGH
T
.687" HIGH, 15/32 BUSHING
T1
.460" HIGH, 15/32 BUSHING
Dress nut part number: 709901201 supplied standard with P3 actuator.
NOTE: Black hardware is supplied when either black actuators or bushings
are specified. All hardware is available separately, see Section O.
Antirotation is standard on all actuators, provides ‘anti-push-in’ feature
on actuator.
NONE
NATURAL ALUMINUM—With Nickel Plated Bushing
2
BLACK
ACTUATOR FINISH
OPTION
CODE
NOTE: Bushing option code not required for T & T1 actuators unless CW
splashproof bushing ordered.
Black hardware is supplied when either black actuators or bushings are
specified. All hardware is available separately, see Section O.
Antirotation is standard on all actuators except T & T1, provides ‘anti-push-in’
feature on actuator.
NONE
BRIGHT CHROME—With Nickel Plated Bushing
2
BLACK
ACTUATOR FINISH
OPTION
CODE
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 9201KCWZ4QE2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
B&K Precision Corporati...
9201 BK-9201 Datasheet
2Mb / 4P
   Multi-Range Programmable DC Power Supplies
logo
Belden Inc.
9201 BELDEN-9201 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
logo
Heyco.
9201 HEYCO-9201 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Belden Inc.
9201-0101000 BELDEN-9201-0101000 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
More results

Similar Description - 9201KCWZ4QE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
9000TOGGLE CK-COMPONENTS-9000TOGGLE Datasheet
619Kb / 5P
   Power Toggle Switches
10 jul 18
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com