Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8325SD9ABE223 Datasheet(PDF) 1 Page - ITT Industries

Part # 8325SD9ABE223
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8325SD9ABE223 Datasheet(HTML) 1 Page - ITT Industries

  8325SD9ABE223 Datasheet HTML 1Page - ITT Industries 8325SD9ABE223 Datasheet HTML 2Page - ITT Industries 8325SD9ABE223 Datasheet HTML 3Page - ITT Industries 8325SD9ABE223 Datasheet HTML 4Page - ITT Industries 8325SD9ABE223 Datasheet HTML 5Page - ITT Industries 8325SD9ABE223 Datasheet HTML 6Page - ITT Industries 8325SD9ABE223 Datasheet HTML 7Page - ITT Industries 8325SD9ABE223 Datasheet HTML 8Page - ITT Industries 8325SD9ABE223 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
A–27
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
Features/Benefits
Positive tactile feel
Multi-positions available
Wide variety of termination options
Epoxy terminal seal compatible with
bottom wash cleaning
RoHS complient models available
Typical Applications
Instrumentation
Computer peripherals
Telecommunications equipment
Specifications
CONTACT RATING: B contact material (8X25 Models): 0.4 VA max.
@ 20 V AC or DC maximum. G contact material (8X21, U8X1
Models): 1 AMP @ 120 V AC or 28 V DC or 0.4 VA max. @ 20 V
AC or DC max. Note: Break-before-makecontacts. Multi-pole
contacts do not make and break simultaneously. See page A-41
for additional ratings.
ELECTRICAL LIFE: 60,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 50 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: 8X2X MODELS: –30ºC to 75ºC.
U8X1 MODELS: –30ºC to 65ºC.
CAP INSTALLATION FORCE: 10 lbs. max. permissible.
SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E
method 9 (1 hour steam aging).
NOTE: Any models supplied with B, P, R, or G contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6 or diallyl phthalate (DAP),
flame retardant (UL 94V-0).
PLUNGER: Glass filled nylon or glass filled polyester (PBT) (UL 94V-0).
CAP & FRAME: Nylon, black, standard.
BUSHING: Brass or zinc, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass or steel, matte-tin plated.
N.O. & N.C. CONTACTS: 8X21, U8X1 MODELS: G contact material:
Coin silver, with gold plate over nickel plate. See page A-41 for
additional contact materials.
8X25 MODELS: B contact material: Copper alloy, with gold plate
over nickel plate. See page A-41 for additional contact materials.
COMMON CONTACT & ALL TERMINALS: Copper alloy, with gold
plate over nickel plate.
TERMINAL SEAL: Epoxy. Refer to slodering and cleaning
Technical Data Chapter.
HARDWARE: Nut & Locking Ring: Brass, nickel plated;
Lockwasher: Steel, nickel plated.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-28 thru A-43. For additional options not shown in catalog, consult Customer Service Center. All
models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
8121 SPDT On-Mom. 1 Amp
8125 SPDT On-Mom. 0.4VA
8221 DPDT On-Mom. 1 Amp
8225 DPDT On-Mom. 0.4VA
8321 3PDT On-Mom. 1 Amp
8325 3PDT On-Mom. 0.4VA
8421 4PDT On-Mom. 1 Amp
8425 4PDT On-Mom. 0.4VA
Note: UL/CSA models
available, see page A-28
and A-29.
Actuator or Plunger
S
Plunger
NONE Snap-in
J80 Snap-in
J81 Snap-in w/frame
J82 Snap-in w/frame for LED
J83 Snap-in w/frame &
flush cap
J84 Snap-in w/frame for LED,
flush cap
J85 Snap-in w/frame & LED
J95 PC w/V-bracket & LED
L
Plunger
M
Snap-fitting plunger
Bushing
D9 .280" high, keyway
H
.250" high, flat
NONE No bushing
choice required
D
.280" high, keyway
D2 .288" high, flat
D3 .180" high
D8 .288" high, flat
H9 .250" high, flat, hi torque
Y
.350" high, keyway
Y3 6.35mm high,
keyway, hi torque
Y4 .378" high, flat, hi torque
Y9 .350" high, keyway
Contact Material
B Gold
K Gold, tin-lead
P Gold, matte-tin
G Gold over silver
L Gold over silver, tin-lead
R Gold over silver,
matte-tin
Seal
E Epoxy
I
Epoxy potted
base
Cap Color
2 Black
NONE Models
without caps
1 White
3 Red
4 Orange
5 Yellow
6 Green
7 Blue
9 Gray
Frame Color
2 Black
NONE Models
without frame
1 White
3 Red
5 Yellow
6 Green
9 Gray
LED Color
3 Red
NONE Models
without LED
5 Yellow
6 Green
Models Available
Terminations
A
Right angle, PC thru-hole
AV2 Vertical right angle, PC thru-hole
C
PC Thru-hole
Z
Solder lug
A2
Right angle, PC thru-hole
A3
Right angle, snap-in, PC thru-hole
A4 Right angle, PC thru-hole, reversed terminals
A6 Right angle, PC thru-hole
AV Vertical right angle, PC thru-hole
AV1 Vertical right angle, PC thru-hole
AV3 Vertical right angle, snap-in, PC thru-hole
R
Right angle with PCB
R2 Right angle with PCB, reversed terminals
V2 .555" high, V-bracket
V3 .460" high, V-bracket
V4 .630" high, V-bracket
V6 .460" high, V-bracket
V7 .630" high, V-bracket
V8 .953" high, V-bracket
V9 1.150" high, V-bracket
V31 .460" high, snap-in V-bracket
V61 .460" high, snap-in V-bracket
W
.750" long, wire wrap
W1 .964" long, wire wrap
W3 .425" long, wire wrap
W4 1.062" long, wire wrap
Z3 Quick connect


Similar Part No. - 8325SD9ABE223

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8325 FILTRAN-8325 Datasheet
141Kb / 1P
   RJ-45/USB 10/100 BASE-T Module with Dual USB
logo
List of Unclassifed Man...
8325 ETC2-8325 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
More results

Similar Description - 8325SD9ABE223

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com