Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3732CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3732CG
Description  3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3732CG Datasheet(HTML) 2 Page - Linear Technology

  LTC3732CG Datasheet HTML 1Page - Linear Technology LTC3732CG Datasheet HTML 2Page - Linear Technology LTC3732CG Datasheet HTML 3Page - Linear Technology LTC3732CG Datasheet HTML 4Page - Linear Technology LTC3732CG Datasheet HTML 5Page - Linear Technology LTC3732CG Datasheet HTML 6Page - Linear Technology LTC3732CG Datasheet HTML 7Page - Linear Technology LTC3732CG Datasheet HTML 8Page - Linear Technology LTC3732CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC3732
3732f
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Topside Driver Voltages (BOOSTN) ............ 38V to –0.3V
Switch Voltage (SWN)................................... 32V to –5V
Boosted Driver Voltage (BOOSTN – SWN) .... 7V to –0.3V
Peak Output Current <1ms (TGN, BGN) ..................... 5A
Supply Voltage (VCC), PGOOD
Pin Voltage .................................................. 7V to –0.3V
RUN/SS, PLLFLTR, PLLIN, FCB Voltages .. VCC to –0.3V
ITH Voltage ................................................ 2.4V to –0.3V
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VRUN/SS = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VREGULATED
Regulated Voltage at IN+
(Note 3); VID Code = 11111, VITH = 1.2V
1.067
1.075
1.083
V
q
1.064
1.075
1.086
V
VSENSEMAX
Maximum Current Sense Threshold
VEAIN = 0.5V, VITH Open,
65
75
85
mV
VSENSE1, VSENSE2, VSENSE3– = 0.6V, 1.8V
q
62
75
88
mV
IMATCH
Current Match
Worst-Case Error at VSENSE MAX
–5
5
%
VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop,
∆ITH Voltage = 1.2V to 0.7V
q
0.1
0.5
%
Measured in Servo Loop,
∆ITH Voltage = 1.2V to 2V
q
–0.1
–0.5
%
VREFLNREG
Output Voltage Line Regulation
VCC = 4.5V to 7V
0.03
%/V
Operating Ambient Temperature Range ....... 0
°C to 70°C
Junction Temperature (Notes 2, 3, 7) ................... 125
°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec)
SSOP Package .................................................. 300
°C
Reflow Peak Body Temperature
QFN Package .................................................... 240
°C
(Note 1)
ORDER PART
NUMBER
LTC3732CG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VID1
PLLIN
PLLFLTR
FCB
IN+
IN
DIFFOUT
EAIN
SGND
SENSE1+
SENSE1
SENSE2+
SENSE2
SENSE3
SENSE3+
RUN/SS
ITH
VID2
VID0
PGOOD
BOOST1
TG1
SW1
BOOST2
TG2
SW2
VCC
BG1
PGND
BG2
BG3
SW3
TG3
BOOST3
VID4
VID3
TJMAX = 125°C, θJA = 95°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LTC3732CUHF
13 14 15 16
TOP VIEW
UHF PACKAGE
38-LEAD (7mm
× 5mm) PLASTIC QFN
PADDLE IS SGND
(MUST BE CONNECTED TO PCB AND SGND PIN)
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
IN+
IN
DIFFOUT
EAIN
PADDLE
SGND
SENSE1+
SENSE1
SENSE2+
SENSE2
SENSE3
SENSE3+
TG1
SW1
BOOST2
TG2
SW2
VCC
DRVCC
BG1
PGND
BG2
BG3
SW3
23
22
21
20
9
10
11
12
UNDERSIDE
PADDLE
IS SGND
TJMAX = 125°C, θJA = 34°C/W


Similar Part No. - LTC3732CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3732 LINER-LTC3732 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3732 LINER-LTC3732 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC3732 LINER-LTC3732_15 Datasheet
294Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
More results

Similar Description - LTC3732CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3732 LINER-LTC3732_15 Datasheet
294Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3730 LINER-LTC3730_15 Datasheet
388Kb / 28P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
LTC3730 LINER-LTC3730 Datasheet
341Kb / 27P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873 Datasheet
308Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com