Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1102 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF1102
Description  Dual N-channel dual gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1102 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF1102 Datasheet HTML 1Page - NXP Semiconductors BF1102 Datasheet HTML 2Page - NXP Semiconductors BF1102 Datasheet HTML 3Page - NXP Semiconductors BF1102 Datasheet HTML 4Page - NXP Semiconductors BF1102 Datasheet HTML 5Page - NXP Semiconductors BF1102 Datasheet HTML 6Page - NXP Semiconductors BF1102 Datasheet HTML 7Page - NXP Semiconductors BF1102 Datasheet HTML 8Page - NXP Semiconductors BF1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Jul 08
3
Philips Semiconductors
Preliminary specification
Dual N-channel dual gate MOS-FET
BF1102
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per MOS-FET unless otherwise specified
VDS
drain-source voltage
7V
ID
drain current (DC)
40
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
Ts
≤ 102 °C
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
240
K/W
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
250
0
200
MGS359
150
150
100
50
Ts (°C)
Ptot
(mW)


Similar Part No. - BF1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102 NXP-BF1102 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1102(R) NXP-BF1102(R) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
CoolCox Limited All rig...
BF11025 COOLCOX-BF11025 Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12D COOLCOX-BF11025H12D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12S COOLCOX-BF11025H12S Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
More results

Similar Description - BF1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com