Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8325J80HAV2BE223 Datasheet(PDF) 11 Page - ITT Industries

Part # 8325J80HAV2BE223
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8325J80HAV2BE223 Datasheet(HTML) 11 Page - ITT Industries

Back Button 8325J80HAV2BE223 Datasheet HTML 7Page - ITT Industries 8325J80HAV2BE223 Datasheet HTML 8Page - ITT Industries 8325J80HAV2BE223 Datasheet HTML 9Page - ITT Industries 8325J80HAV2BE223 Datasheet HTML 10Page - ITT Industries 8325J80HAV2BE223 Datasheet HTML 11Page - ITT Industries 8325J80HAV2BE223 Datasheet HTML 12Page - ITT Industries 8325J80HAV2BE223 Datasheet HTML 13Page - ITT Industries 8325J80HAV2BE223 Datasheet HTML 14Page - ITT Industries 8325J80HAV2BE223 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
A–37
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
TERMINATIONS
.15 (3,8)
.33 TYP.
(8,4)
PC MOUNTING
PC MOUNTING
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
AV1
VERTICAL RIGHT ANGLE, EXTENDED,
PC THRU-HOLE, .150" PITCH
AV3
VERTICAL RIGHT ANGLE, SNAP-IN,,
PC THRU-HOLE, .150" PITCH
AV1
VERTICAL RIGHT ANGLE, EXTENDED,
PC THRU-HOLE, .150" PITCH
AV3
VERTICAL RIGHT ANGLE, SNAP-IN,
PC THRU-HOLE, .150" PITCH
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
8121SD9AV2GE
SPDT
8221SD9AV2GE
DPDT
Not available with JXX actuators and I seal.
Terminal bend radii and lead-in manufacturing option.
Not available with JXX actuators and I seal.
Terminal bend radii and lead-in manufacturing option.
A


Similar Part No. - 8325J80HAV2BE223

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8325 FILTRAN-8325 Datasheet
141Kb / 1P
   RJ-45/USB 10/100 BASE-T Module with Dual USB
logo
List of Unclassifed Man...
8325 ETC2-8325 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
8325 ETC2-8325 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
More results

Similar Description - 8325J80HAV2BE223

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com