Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZ48F0L0QTZ Datasheet(PDF) 11 Page - Intel Corporation

Part # NZ48F0L0QTZ
Description  StrataFlash Wireless Memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NZ48F0L0QTZ Datasheet(HTML) 11 Page - Intel Corporation

Back Button NZ48F0L0QTZ Datasheet HTML 7Page - Intel Corporation NZ48F0L0QTZ Datasheet HTML 8Page - Intel Corporation NZ48F0L0QTZ Datasheet HTML 9Page - Intel Corporation NZ48F0L0QTZ Datasheet HTML 10Page - Intel Corporation NZ48F0L0QTZ Datasheet HTML 11Page - Intel Corporation NZ48F0L0QTZ Datasheet HTML 12Page - Intel Corporation NZ48F0L0QTZ Datasheet HTML 13Page - Intel Corporation NZ48F0L0QTZ Datasheet HTML 14Page - Intel Corporation NZ48F0L0QTZ Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
Intel StrataFlash® Wireless Memory (L18)
Datasheet
Intel StrataFlash® Wireless Memory (L18)
April 2005
Order Number: 251902, Revision: 009
11
2.0
Functional Overview
The Intel StrataFlash® Wireless Memory (L18) provides read-while-write and read-while-erase
capability with density upgrades through 256-Mbit. This family of devices provides high
performance at low voltage on a 16-bit data bus. Individually erasable memory blocks are sized for
optimum code and data storage.
Each device density contains one parameter partition and several main partitions. The flash
memory array is grouped into multiple 8-Mbit or 16-Mbit partitions. By dividing the flash memory
into partitions, program or erase operations can take place at the same time as read operations.
Although each partition has write, erase, and burst read capabilities, simultaneous operation is
limited to write or erase in one partition while other partitions are in read mode. The Intel
StrataFlash® Wireless Memory (L18) allows burst reads that cross partition boundaries. User
application code is responsible for ensuring that burst reads do not cross into a partition that is
programming or erasing.
Upon initial power up or return from reset, the device defaults to asynchronous page-mode read.
Configuring the Read Configuration Register enables synchronous burst-mode reads. In
synchronous burst mode, output data is synchronized with a user-supplied clock signal. A WAIT
signal provides easy CPU-to-flash memory synchronization.
In addition to the enhanced architecture and interface, the Intel StrataFlash® Wireless Memory
(L18) incorporates technology that enables fast factory program and erase operations. Designed for
low-voltage systems, the Intel StrataFlash® Wireless Memory (L18) supports read operations with
VCC at 1.8 volt, and erase and program operations with VPP at 1.8 V or 9.0 V. Buffered Enhanced
Factory Programming (Buffered EFP) provides the fastest flash array programming performance
with VPP at 9.0 volt, which increases factory throughput. With VPP at 1.8 V, VCC and VPP can be
tied together for a simple, ultra-low power design. In addition to voltage flexibility, a dedicated
VPP connection provides complete data protection when VPP is less than VPPLK.
A Command User Interface (CUI) is the interface between the system processor and all internal
operations of the Intel StrataFlash® Wireless Memory (L18). An internal Write State Machine
(WSM) automatically executes the algorithms and timings necessary for block erase and program.
A Status Register indicates erase or program completion and any errors that may have occurred.
An industry-standard command sequence invokes program and erase automation. Each erase
operation erases one block. The Erase Suspend feature allows system software to pause an erase
cycle to read or program data in another block. Program Suspend allows system software to pause
programming to read other locations. Data is programmed in word increments.
The Intel StrataFlash® Wireless Memory (L18) offers power savings through Automatic Power
Savings (APS) mode and standby mode. The device automatically enters APS following read-cycle
completion. Standby is initiated when the system deselects the device by deasserting CE# or by
asserting RST#. Combined, these features can significantly reduce power consumption.
The Intel StrataFlash® Wireless Memory (L18)’s protection register allows unique flash device
identification that can be used to increase system security. Also, the individual Block Lock feature
provides zero-latency block locking and unlocking.


Similar Part No. - NZ48F0L0QTZ

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NZ48F4000L0ZBQ0 INTEL-NZ48F4000L0ZBQ0 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
NZ48F4000L0ZTQ0 INTEL-NZ48F4000L0ZTQ0 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
More results

Similar Description - NZ48F0L0QTZ

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com