Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8121SD9AV2BE223 Datasheet(PDF) 7 Page - ITT Industries

Part # 8121SD9AV2BE223
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8121SD9AV2BE223 Datasheet(HTML) 7 Page - ITT Industries

Back Button 8121SD9AV2BE223 Datasheet HTML 3Page - ITT Industries 8121SD9AV2BE223 Datasheet HTML 4Page - ITT Industries 8121SD9AV2BE223 Datasheet HTML 5Page - ITT Industries 8121SD9AV2BE223 Datasheet HTML 6Page - ITT Industries 8121SD9AV2BE223 Datasheet HTML 7Page - ITT Industries 8121SD9AV2BE223 Datasheet HTML 8Page - ITT Industries 8121SD9AV2BE223 Datasheet HTML 9Page - ITT Industries 8121SD9AV2BE223 Datasheet HTML 10Page - ITT Industries 8121SD9AV2BE223 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
A–33
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
BUSHING
TERMINATIONS
1/4-40 UNS-2A
PC MOUNTING
DIM `A'
W W1, W3, W4
WIRE WRAP
Z3
QUICK CONNECT
C
PC THRU-HOLE
Z
SOLDER LUG
D3
.180" HIGH UNTHREADED
D8
.288" HIGH UNTHREADED, FLAT
D2
.288" HIGH THREADED, FLAT
Y4
.378" HIGH THREADED, FLAT
Y3
6.35mm THREADED, KEYWAY
SPDT thru 4PDT
SPDT thru 4PDT
SPDT thru 4PDT
SPDT thru 4PDT
Not available with J95 actuator, K, L, P or R
contact material. Mating quick connector avail-
able,order part number 530100000, page A-42.
Not available with J95 actuator option.
Not available with J95 actuator option.
Not available with J95 actuator,
K, L, P or R contact material.
NOTE: No bushing option choice required when JXX actuator option is selected. When selecting bushing option, plunger
selection must also be made, see previous page. Plunger lengths vary with bushing and termination options selected.
NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with threaded bushings.
Optional mounting nut and locking ring styles available, see section “Technical Data and Additional Hardware”.
Y3 & Y4 bushings not available on single pole models with
A3-A6, R, R2 terminations. Will withstand 12 in./lbs. of torque
with no distortion.
D2, D8 bushings not available with
C, W-W4, Z, Z3 terminations.
D3 bushing available with
A, A2, A3, AV, AV2, AV3 and
V2-V61 terminations only.
W
.750 (19,05)
W1
.964 (24,49)
W3
.425 (10,80)
W4
1.062 (26,97)
DIM ‘A’
OPTION
CODE
A


Similar Part No. - 8121SD9AV2BE223

ManufacturerPart #DatasheetDescription
logo
C&K Components
8121SD9BE223A CK-COMPONENTS-8121SD9BE223A Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
More results

Similar Description - 8121SD9AV2BE223

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com