Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1404ATNJQ6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM1404ATNJQ6F
Description  Security Supervisor with Battery Switchover
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404ATNJQ6F Datasheet(HTML) 6 Page - STMicroelectronics

  STM1404ATNJQ6F Datasheet HTML 1Page - STMicroelectronics STM1404ATNJQ6F Datasheet HTML 2Page - STMicroelectronics STM1404ATNJQ6F Datasheet HTML 3Page - STMicroelectronics STM1404ATNJQ6F Datasheet HTML 4Page - STMicroelectronics STM1404ATNJQ6F Datasheet HTML 5Page - STMicroelectronics STM1404ATNJQ6F Datasheet HTML 6Page - STMicroelectronics STM1404ATNJQ6F Datasheet HTML 7Page - STMicroelectronics STM1404ATNJQ6F Datasheet HTML 8Page - STMicroelectronics STM1404ATNJQ6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STM1404
6/9
PART NUMBERING
Table 3. Ordering Information Scheme (see Figure 5., page 7 for Marking Information)
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
STM1404
A
T
M
D
Q
6
F
Device Type
STM1404: Over/Under Temperature Detect
VOUT Status (SAL = Active-Low)
A: VOUT = ON; Vccsw = Normal Mode
B: VOUT = High-Z; Vccsw = High
C: VOUT = Ground; Vccsw = High
Reset Threshold Voltage
T: VRST = 3.00V to 3.15V
S: VRST = 2.85V to 3.00V
R: VRST = 2.55V to 2.70V
Battery Low Voltage Detect Threshold (VDET)
M: VDET = 2.3V (Typ)
N: VDET = 2.5V (Typ)
O: VDET = 3.2V (Typ)
Under (TL)/Over (TH) Temperature Alarm Thresholds (STM1404 only)
B: –25/+80°C
H: –35/+80°C
C: –25/+85°C
I: –35/+85°C
D: –25/+95°C
J: –35/+95°C
Package
Q = QFN16 (3mm x 3mm)
Temperature Range
6 = –40 to 85°C
Shipping Method
F = ECOPACK Package, Tape & Reel


Similar Part No. - STM1404ATNJQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1404ATNBQ6F STMICROELECTRONICS-STM1404ATNBQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404ATNCQ6F STMICROELECTRONICS-STM1404ATNCQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404ATNDQ6F STMICROELECTRONICS-STM1404ATNDQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
More results

Similar Description - STM1404ATNJQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com