Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL70009 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL70009
Description  Medical Surge Protection Devices
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL70009 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL70009 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL70009 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL70009 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL70009 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL70009 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL70009 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL70009 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL70009 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL70009 Datasheet HTML 12Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZL70002/08/09/10
Data Sheet
8
Zarlink Semiconductor Inc.
Absolute Maximum Ratings*
*Exceeding these values may cause permanent damage. Functional operations under these conditions is not implemented
Recommended Operating Conditions
1) Typical figures are at 37 degrees C and are for design only.
DC Electrical Characteristics1
Parameter
Sym
Min
Max
Units
Test Conditions
1
Storage Temperature range
TS
-40
125
°C
2
Maximum junction
temperature
Tj
125
°C
3
Maximum surge current
ITSM
8
A
Test according to Figure 11.
tp for flip mounted chips with underfill:
10 ms
4
Continuous power dissipation
Pmax
300
mW
t>1 s
Parameter
Sym
Min
Typ1
Max
Units
Test Conditions
5
Operating temperature
range
TOP
0
3755°C
Parameter
Sym
Min
Typ2
Max
Units
Test Conditions
6
Forward breakdown
voltage, Zener diode,
terminal to terminal
ZL70002/10
Vfz
9.0
10.1
11.0
V
Iz=10
µA
ZL70008
Vfz
9.5
10.5
13.5
V
Iz=10
µA
ZL70009
Vfz
9.0
9.5
12.2
V
Iz=10
µA
7
Forward breakdown
voltage, Zener diode,
terminal to substrate
ZL70008
Vfz
9.0
10.2
12.8
V
Iz=10
µA
ZL70009
Vfz
8.5
9.2
11.5
V
Iz=10
µA
8
Breakover voltage,
terminal to terminal
ZL70002/10
Vbo
9.0
11.2
12.2
V
Figure 12
ZL70008
Vbo
9.5
11.6
13.5
V
Figure 12
ZL70009
Vbo
9.0
10.5
12.2
V
Figure 12
9
Breakover voltage,
terminal to substrate
ZL70008
Vbo
9.0
11.0
12.8
V
Figure 12
ZL70009
Vbo
8.5
9.8
11.5
V
Figure 12


Similar Part No. - ZL70009

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL70100 ZARLINK-ZL70100 Datasheet
106Kb / 6P
   Medical Implantable RF Transceiver
ZL70100LDF1 ZARLINK-ZL70100LDF1 Datasheet
106Kb / 6P
   Medical Implantable RF Transceiver
ZL70100LDG1 ZARLINK-ZL70100LDG1 Datasheet
106Kb / 6P
   Medical Implantable RF Transceiver
ZL70101 ZARLINK-ZL70101 Datasheet
271Kb / 9P
   Medical Implantable RF Transceiver
ZL70101LDG1 ZARLINK-ZL70101LDG1 Datasheet
271Kb / 9P
   Medical Implantable RF Transceiver
More results

Similar Description - ZL70009

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPD2-480-3P0-R LITTELFUSE-SPD2-480-3P0-R Datasheet
169Kb / 2P
   Surge Protection Devices
Rev: 1-A-061719
SP1003 LITTELFUSE-SP1003 Datasheet
232Kb / 6P
   ESD/Surge Protection Devices
SP1003 LITTELFUSE-SP1003_10 Datasheet
408Kb / 6P
   SPA??Silicon Protection Array Products ESD/Surge Protection Devices
SPD2-550-4P0-R LITTELFUSE-SPD2-550-4P0-R Datasheet
175Kb / 2P
   Surge Protection Devices SPD2 40 SERIES
Rev: 1-A-061719
SPD2-550-1P0-R LITTELFUSE-SPD2-550-1P0-R Datasheet
152Kb / 2P
   Surge Protection Devices SPD2 1P0 SERIES
Rev: 1-A-061719
SPD2-550-2P0-R LITTELFUSE-SPD2-550-2P0-R Datasheet
159Kb / 2P
   Surge Protection Devices SPD2 2P0 SERIES
Rev: 1-A-061719
logo
Laird Tech Smart Techno...
BT900-SA-0X LSTD-BT900-SA-0X Datasheet
2Mb / 46P
   Medical devices
logo
OmniVision Technologies...
OV6922 OMNIVISION-OV6922 Datasheet
2Mb / 2P
   Medical Devices
logo
Eaton All Rights Reserv...
SG13309 EATON-SG13309 Datasheet
1Mb / 36P
   Surge Protection
logo
Okaya Electric America,...
RHCA7044 OKAYA-RHCA7044 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com