Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZ48F300QTY Datasheet(PDF) 9 Page - Intel Corporation

Part # NZ48F300QTY
Description  StrataFlash Wireless Memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NZ48F300QTY Datasheet(HTML) 9 Page - Intel Corporation

Back Button NZ48F300QTY Datasheet HTML 5Page - Intel Corporation NZ48F300QTY Datasheet HTML 6Page - Intel Corporation NZ48F300QTY Datasheet HTML 7Page - Intel Corporation NZ48F300QTY Datasheet HTML 8Page - Intel Corporation NZ48F300QTY Datasheet HTML 9Page - Intel Corporation NZ48F300QTY Datasheet HTML 10Page - Intel Corporation NZ48F300QTY Datasheet HTML 11Page - Intel Corporation NZ48F300QTY Datasheet HTML 12Page - Intel Corporation NZ48F300QTY Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
Intel StrataFlash® Wireless Memory (L18)
Datasheet
Intel StrataFlash® Wireless Memory (L18)
April 2005
Order Number: 251902, Revision: 009
9
1.0
Introduction
This document provides information about the Intel StrataFlash
® wireless memory device (L18).
This document describes the device features, operation, and specifications.
1.1
Nomenclature
1.8 V: range of 1.7 V – 2.0 V (except where noted)
1.8 V Extended Range: range of 1.35 V – 2.0 V
VPP = 9.0 V: VPP voltage range of 8.5 V – 9.5 V
Block: A group of bits, bytes or words within the flash memory array that erase simultaneously
when the Erase command is issued to the device. The Intel StrataFlash® Wireless Memory (L18)
has two block sizes: 16-Kword, and 64-Kword.
Main block: An array block that is usually used to store code and/or data. Main blocks are larger
than parameter blocks.
Parameter block: An array block that is usually used to store frequently changing data or small
system parameters that traditionally would be stored in EEPROM.
Top parameter device: Previously referred to as a top-boot device, a device with its parameter
partition located at the highest physical address of its memory map. Parameter blocks within a
parameter partition are located at the highest physical address of the parameter partition.
Bottom parameter device: Previously referred to as a bottom-boot device, a device with its
parameter partition located at the lowest physical address of its memory map. Parameter blocks
within a parameter partition are located at the lowest physical address of the parameter partition.
Partition: A group of blocks that share common program/erase circuitry. Blocks within a partition
also share a common status register. If any block within a partition is being programmed or erased,
only status register data (rather than array data) is available when any address within that partition
is read.
Main partition: A partition containing only main blocks.
Parameter partition: A partition containing parameter blocks and main blocks.
1.2
Acronyms
CUI: Command User Interface
MLC: Multi-Level Cell
OTP: One-Time Programmable
PLR: Protection Lock Register
PR: Protection Register


Similar Part No. - NZ48F300QTY

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NZ48F4000L0ZBQ0 INTEL-NZ48F4000L0ZBQ0 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
NZ48F4000L0ZTQ0 INTEL-NZ48F4000L0ZTQ0 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
More results

Similar Description - NZ48F300QTY

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com