Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

321110N01 Datasheet(PDF) 6 Page - ITT Industries

Part # 321110N01
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

321110N01 Datasheet(HTML) 6 Page - ITT Industries

  321110N01 Datasheet HTML 1Page - ITT Industries 321110N01 Datasheet HTML 2Page - ITT Industries 321110N01 Datasheet HTML 3Page - ITT Industries 321110N01 Datasheet HTML 4Page - ITT Industries 321110N01 Datasheet HTML 5Page - ITT Industries 321110N01 Datasheet HTML 6Page - ITT Industries 321110N01 Datasheet HTML 7Page - ITT Industries 321110N01 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C&K 3 Series
Thumbwheel Switches
AVAILABLE HARDWARE
N
Blank sections, Type 0,
.315 THK.
PART NO.
413602000
W/RIB-BLACK
400502000
W/RIB & W/OUT SPRINGS-BLACK
Blank sections, Front mount, Type 0,
.315 THK.
PART NO.
413502000
PLAIN-BLACK
400702000
PLAIN & W/OUT SPRINGS-BLACK
PART NO.
400602000
W/RIB-BLACK
400802000
PLAIN-BLACK
Blank sections, Rear mount, Type 1,
.350 THK.
Blank sections, Rear mount, Type 2,
.350 THK.
PART NO.
473402000
W/RIB-BLACK
473302000
PLAIN-BLACK
End plates, Front mount, Type 0
PART NO.
413402000
BLACK
PART NO.
400402000
BLACK
End plates, Rear mount, Type 1
End plates, Rear mount, Type 2
Stop pins
PART NO.
473202000
BLACK
PART NO.
410802000
BLACK
PART NO.
402900000
Spacers, Front mount, Type 0 & 3, .078 THK.
(Makes section pitch 10mm)
Two required for
complete assembly.
Two required for
complete assembly.
4734
4733
4006
4008
Two required for
complete assembly.
N–13
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 321110N01

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3211100 PHOENIX-3211100 Datasheet
89Kb / 2P
   UK 20,6-J HESILED 3POL
More results

Similar Description - 321110N01

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com