Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8261L1HAV2PE22 Datasheet(PDF) 2 Page - ITT Industries

Part # 8261L1HAV2PE22
Description  Alternate Action and Momentary Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8261L1HAV2PE22 Datasheet(HTML) 2 Page - ITT Industries

  8261L1HAV2PE22 Datasheet HTML 1Page - ITT Industries 8261L1HAV2PE22 Datasheet HTML 2Page - ITT Industries 8261L1HAV2PE22 Datasheet HTML 3Page - ITT Industries 8261L1HAV2PE22 Datasheet HTML 4Page - ITT Industries 8261L1HAV2PE22 Datasheet HTML 5Page - ITT Industries 8261L1HAV2PE22 Datasheet HTML 6Page - ITT Industries 8261L1HAV2PE22 Datasheet HTML 7Page - ITT Industries 8261L1HAV2PE22 Datasheet HTML 8Page - ITT Industries 8261L1HAV2PE22 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A–51
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8060 Series
Alternate Action and Momentary Pushbutton Switches
SWITCH FUNCTION
*
PANEL MOUNTING
*
PANEL MOUNTING
*
PANEL MOUNTING
ACTUATOR—SNAP-IN FRONT MOUNT
DPDT
2-1,5-4
2-3,5-6
ON
ON
8261
DP
SPDT
2-1
2-1
2-3
2-3
ON
MOM.
ON
ON
8161
8168
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL NO.
NO.
POLES
SPDT
DPDT
Terminal Nos.
For Reference Only
Terminal Nos.
For Reference Only
Part number shown: 8161SHZQE
Part number shown: 8261SHZQE
MOM. = Momentary
Cap Finish: matte.
Other colors available, consult
Customer Service Center.
Available with C, W, Z or
Z3 terminations.
NOTE: Caps & frames available
separately, see pages A-58 and A-59.
*Increase this dimension to
.620/.625 (15,75/15,88)
for .091/.125 (2,41/2,18)
thick panels.
*Increase this dimension to
.620/.625 (15,75/15,88)
for .091/.125 (2,41/2,18)
thick panels.
All models
with all options when ordered with G, L, M or Q contact material.
C&K marking this side
C&K marking this side
2
BLACK
1
WHITE
3
RED
4
ORANGE
5
YELLOW
9
GRAY
CAP COLOR
OPTION
CODE
J80 SNAP-IN
J81 SNAP-IN WITH BLACK FRAME
ACTUATOR OR PLUNGER
CAP COLOR
A


Similar Part No. - 8261L1HAV2PE22

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8261 FILTRAN-8261 Datasheet
172Kb / 1P
   LAN 10/100 Base-T Single Port Transformer Module
logo
Mallory performance clu...
8261 MALLORY-8261 Datasheet
289Kb / 4P
   MSD HVC-2 Coil
logo
API Technologies Corp
8261 APITECH-8261 Datasheet
589Kb / 1P
   10/100 BASE-T Single Port Transformer Module
logo
Belden Inc.
8261 BELDEN-8261 Datasheet
145Kb / 2P
   Analog Video, RG11, #18 Str TC, 95% BC Braid, PVC Jacket, CXC
04-25-2023
8261-0101000 BELDEN-8261-0101000 Datasheet
145Kb / 2P
   Analog Video, RG11, #18 Str TC, 95% BC Braid, PVC Jacket, CXC
04-25-2023
More results

Similar Description - 8261L1HAV2PE22

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
2022
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
   General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
   Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PB-12331ZQ ETC2-PB-12331ZQ Datasheet
200Kb / 4P
   Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)
PB-12333ZG ETC2-PB-12333ZG Datasheet
201Kb / 3P
   Standard Ordering Table ??Pushbutton Switches ??Panelmount Maintained and Momentary Action (SPDT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com