Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337110N01 Datasheet(PDF) 1 Page - ITT Industries

Part # 337110N01
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

337110N01 Datasheet(HTML) 1 Page - ITT Industries

  337110N01 Datasheet HTML 1Page - ITT Industries 337110N01 Datasheet HTML 2Page - ITT Industries 337110N01 Datasheet HTML 3Page - ITT Industries 337110N01 Datasheet HTML 4Page - ITT Industries 337110N01 Datasheet HTML 5Page - ITT Industries 337110N01 Datasheet HTML 6Page - ITT Industries 337110N01 Datasheet HTML 7Page - ITT Industries 337110N01 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N–8
N
C&K 3 Series
Thumbwheel Switches
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Features/Benefits
Most complete product offering in the industry
Spacers available to fit most panel cutouts
Front or rear mounting options
Typical Applications
Test & measurement equipment
Industrial equipment
Computer devices
Specifications
CONTACT RATING:
CARRY: 1 AMP continuous.
SWITCH: 100 mA max.
OPERATING VOLTAGE: 50 mV to 28 V DC or 120 V AC.
ELECTRICAL LIFE: 100,000 actuations.
CONTACT RESISTANCE: Below 100 m
Ω typ. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level
between common terminal and any output.
OPERATING TEMPERATURE: -10ºC to 65ºC.
Materials
HOUSING: ABS plastic.
THUMBWHEEL: ABS plastic.
ROTOR CONTACTS: Precious metal on copper alloy.
STATOR CONTACTS: Hard gold over nickel over copper
on epoxy fiberglass.
NOTE: Specifications and materials listed above are for switches with standard options
For information on specific and custom switches, consult Customer Service Center.
* Note: All models listed are RoHS compliant. See Technical Data section of this catalog for
RoHS compliant and compatible definitions and specifications.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages N–9 thru N–12. For additional options not shown in catalog, consult Customer Service Center.
Consult factory for illumination availability.
Series
3
Thumbwheel switch
Number of Sections
0
Switch section
1
1 Switch section
2
2 Switch sections
3
3 Switch sections
4
4 Switch sections
5
5 Switch sections
6
6 Switch sections
7
7 Switch sections
8
8 Switch sections
9
More than 8
switch sections
Seal
0
No seal
1
Sealed contacts
2
Dust lens
3
Sealed contacts & dust lens
Function Code
11 Decimal, SP, 10 position
14 Resistor decade
21 BCD, 10 position
23 Complement of BCD, 10 position
27 BCD, 10 position
31 BCD, 10 position
71 BCH, 16 position
Terminations
0
Type 0
1
Type 1, extended type 0
N Solder pins with .100” spacing**
P Solder pins with .156” spacing**
9
Any combination
Color/Marking/Stops
0
Matte black body, gloss
black wheel,
white marking
Mounting Style
00 Snap-in, front mount
09 Snap-in, front mount*
10 Rear mount
19 Rear mount*
20 Rear mount
29 Rear mount*
*X9 mounting styles must be ordered with ‘0’ number of sections.
** Note: Termination option N (RoHS compliant) replaced termination option 3 (Non-RoHS compliant).
Termination option P (RoHS compliant) replaced termination option B (Non-RoHS compliant).


Similar Part No. - 337110N01

ManufacturerPart #DatasheetDescription
logo
Bi technologies
3371 BITECH-3371 Datasheet
75Kb / 3P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
logo
Heyco.
3371 HEYCO-3371 Datasheet
176Kb / 1P
   Standoff Cable Holders - Arrowhead Mount
logo
KR Electronics, Inc.
3371-SMA KR-3371-SMA Datasheet
135Kb / 3P
   KR Electronics part number 3371-SMA is a 30 MHz Bandpass Filter.
logo
Freescale Semiconductor...
33710 FREESCALE-33710 Datasheet
1Mb / 17P
   Dual Output DC-DC & Linear Regulator IC
More results

Similar Description - 337110N01

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com