Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH28F640L18T85 Datasheet(PDF) 6 Page - Intel Corporation

Part # PH28F640L18T85
Description  StrataFlash Wireless Memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PH28F640L18T85 Datasheet(HTML) 6 Page - Intel Corporation

Back Button PH28F640L18T85 Datasheet HTML 2Page - Intel Corporation PH28F640L18T85 Datasheet HTML 3Page - Intel Corporation PH28F640L18T85 Datasheet HTML 4Page - Intel Corporation PH28F640L18T85 Datasheet HTML 5Page - Intel Corporation PH28F640L18T85 Datasheet HTML 6Page - Intel Corporation PH28F640L18T85 Datasheet HTML 7Page - Intel Corporation PH28F640L18T85 Datasheet HTML 8Page - Intel Corporation PH28F640L18T85 Datasheet HTML 9Page - Intel Corporation PH28F640L18T85 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
Intel StrataFlash® Wireless Memory (L18)
April 2005
Intel StrataFlash® Wireless Memory (L18)
Datasheet
6
Order Number: 251902, Revision: 009
Revision History
Revision Date
Revision
Description
10/15/02
-001
Initial Release
01/20/03
-002
Revised 256-Mbit Partition Size
Revised 256-Mbit Memory Map
Change WAIT function to de-assert during Asynchronous Operations (Asynchronous Reads and all
Writes)
Change WAIT function to active during Synchronous Non-Array Read
Updated all Waveforms to reflect new WAIT function
Revised Section 8.2.2
Added Synchronous Read to Write transition Section
Improved 1.8 Volt I/O Bin 2 speed to 95ns from 105ns
Added new AC specs: R15, R16, R17, R111, R311, R312, W21, and W22
Various text edits
04/11/03
-003
Added SCSP for 128/0 and 256/0 Ball-out and Mechanical Drawing
08/04/03
-004
Changed ICCS and ICCR values
Added 256-Mbit AC Speed
Changed Program and Erase Spec
Combined the Buffered Programming Flow Chart and Read While Buffered programming Flow
Chart
Revised Read While Buffered Programming Flow Chart
Revised Appendix A Write State Machine
Revised CFI Table 21 CFI Identification
Various text edits.
01/20/04
-005
Various text clarifications, various text edits, block locking state diagram clarification, synchronous
read to write timing clarification, write to synchronous read timing clarification
05/22/04
-006
Minor text edits
Changed Capacitance values
Changed Standby Current (typ), Power Down Current (typ), Erase Suspend Current (typ), and
Automatic Power Savings Current (typ)
Updated Transient Equialent Testing Load Circuit


Similar Part No. - PH28F640L18T85

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2856-160 MACOM-PH2856-160 Datasheet
136Kb / 2P
   Linear Accelerator Pulsed Power Transistor, 16OW, 12ms Pulse, 10% Duty 2.856 GHz
logo
M/A-COM Technology Solu...
PH2856-160 MA-COM-PH2856-160 Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 160W, 2.856 GHz, 12關s Pulse, 10% Duty
logo
Tyco Electronics
PH2856-160 MACOM-PH2856-160 Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 160W, 2.856 GHz, 12關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2856-160 MA-COM-PH2856-160_17 Datasheet
558Kb / 4P
   Radar Pulsed Power Transistor
More results

Similar Description - PH28F640L18T85

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com