Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-A3DALDG-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # SD-A3DALDG-FREQ
Description  LVDS UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A3DALDG-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SD-A3DALDG-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A3DALDG-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc SD-A3DALDG-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD-A3DAXXX Series
Continued
LVDS UHF VCXO
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 4.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
38
640
MHz
Supply Voltage
Vcc
Code A
3.135
3.3
3.465
V
Supply current
Icc
80
100
mA
Output Logic Type
LVDS
Load
At receiving end
between the outputs
90
100
110
Ohm
Output Levels
Vod
Differential amplitude
247
330
454
mV
Amplitude error
50
mV
Vof
Offset Voltage
1.125
1.25
1.375
V
Offset Voltage error
50
mV
Duty Cycle (Symmetry)
At outputs crossing,
room temperature
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.5
0.7
ns
Jitter
Integrated
J
Integrated from Phase
Noise, 12 KHz to 20
MHz , RMS
0.4
ps
Wavecrest
characterized
Random
period,
155 MHz
622 MHz
3.5
6
ps
Accumul.,
pk-to-pk
155 MHz
622 MHz
20
40
ps
Phase Noise
£(∆f)
155 MHz
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@1MHz
@>10M
-60
-90
-120
-130
-128
-144
-150
dBc/Hz
Frequency Stability
∆F/F
Overall, including
initial calibration,
temperature, aging 10
years, shock and
vibration @ Vc=Vcc/2
30
ppm
Control Voltage Range
Vc
0V
Vcc
V
Setability
Vcs
Vc to set F at Fo; T,
Vcc, load - nominal, as
shipped
0.4 Vcc
0.5 Vcc
0.6 Vcc
V
Absolute Pull Range
APR
Over all conditions, see
part # creation
20,32,
50,100
ppm
Input Impedance
Zin
@ Fmod < 100 Khz
10
KOhm
Modulation Bandwidth
At Vc = Vcc/2, -3dB
10
KHz
Enable High Option
Pin 2 Enabled
Pin 2 Disabled
CMOS logic 1 or N/C
CMOS logic 0
0.7 Vcc
0
Vcc
0.3 Vcc
V
Enable Low Option
Pin 2 Disabled
Pin 2 Enabled
CMOS logic 1 or N/C
CMOS logic 0
0.7 Vcc
0
Vcc
0.3 Vcc
V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. -
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0629D


Similar Part No. - SD-A3DALDG-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A3DAXXX-X NEL-SD-A3DAXXX-X Datasheet
164Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVDS complementary output
More results

Similar Description - SD-A3DALDG-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A3DBXXX NEL-SD-A3DBXXX Datasheet
155Kb / 3P
   LVDS UHF VCXO
AB-A3DBXXX NEL-AB-A3DBXXX Datasheet
140Kb / 3P
   LVDS UHF VCXO
AB-X3A1XX-X NEL-AB-X3A1XX-X Datasheet
156Kb / 3P
   SINEWAVE UHF VCXO
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
logo
AiT Semiconductor Inc.
KVL7050 AITSEMI-KVL7050 Datasheet
292Kb / 1P
   SMD LVDS VCXO
logo
Skyworks Solutions Inc.
SU-A3DCXXX SKYWORKS-SU-A3DCXXX Datasheet
139Kb / 3P
   LVDS HF VCXO
logo
Jauch Quartz Gmbh
JVD75A JAUCH-JVD75A Datasheet
194Kb / 2P
   SMD LVDS VCXO
JVD75B JAUCH-JVD75B Datasheet
195Kb / 2P
   SMD LVDS VCXO
logo
AiT Semiconductor Inc.
KVLM AITSEMI-KVLM Datasheet
239Kb / 1P
   SMD LVDS VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com