Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF247B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF247B
Description  N-channel silicon junction field-effect transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF247B Datasheet(HTML) 2 Page - NXP Semiconductors

  BF247B Datasheet HTML 1Page - NXP Semiconductors BF247B Datasheet HTML 2Page - NXP Semiconductors BF247B Datasheet HTML 3Page - NXP Semiconductors BF247B Datasheet HTML 4Page - NXP Semiconductors BF247B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Jul 29
2
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF246A; BF246B; BF246C;
BF247A; BF247B; BF247C
FEATURES
• Interchangeability of drain and source connections
• High IDSS range
• Frequency up to 450 MHz.
APPLICATIONS
• VHF and UHF amplifiers
• Mixers
• General purpose switching.
DESCRIPTION
General purpose N-channel symmetrical silicon junction
field-effect transistors in a plastic TO-92 variant package.
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PINNING
PIN
SYMBOL
DESCRIPTION
BF246A; BF246B; BF246C
1
d
drain
2
g
gate
3
s
source
BF247A; BF247B; BF247C
1
d
drain
2
s
source
3
g
gate
Fig.1
Simplified outline (TO-92 variant)
and symbol.
handbook, halfpage
1
3
2
MAM257
s
d
g
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−±25
V
VGSoff
gate-source cut-off voltage
ID = 10 nA; VDS =15V
−0.6
−−14.5
V
IDSS
drain current
VDS = 15 V; VGS =0
BF246A; BF247A
30
80
mA
BF246B; BF247B
60
140
mA
BF246C; BF247C
110
250
mA
Ptot
total power dissipation
up to Tamb =50 °C
−−
400
mW
y
fs
forward transfer admittance
ID = 10 mA; VDS =15V;
f=1kHz
8
−−
mS
Crs
reverse transfer capacitance
ID = 10 mA; VDS =15V;
f=1MHz
3.5
pF
Tj
operating junction temperature
−−
150
°C


Similar Part No. - BF247B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF240 MOTOROLA-BF240 Datasheet
141Kb / 4P
   AM/FM Transistor
logo
NXP Semiconductors
BF240 PHILIPS-BF240 Datasheet
41Kb / 8P
   NPN medium frequency transistor
1999 Apr 21
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
   NPN RF Transistor
logo
SHENZHEN YONGERJIA INDU...
BF240 WINNERJOIN-BF240 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
Continental Device Indi...
BF240 CDIL-BF240 Datasheet
269Kb / 3P
   NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
More results

Similar Description - BF247B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF545A PHILIPS-BF545A Datasheet
100Kb / 12P
   N-channel silicon junction field-effect transistors
1996 Jul 29
BF556A PHILIPS-BF556A Datasheet
100Kb / 11P
   N-channel silicon junction field-effect transistors
1996 Jul 29
logo
Micro Electronics
J111 MICRO-ELECTRONICS-J111 Datasheet
45Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTORS
logo
InterFET Corporation
SMP5462 INTERFET-SMP5462 Datasheet
213Kb / 10P
   N-Channel Silicon Junction Field-Effect Transistors
logo
New Jersey Semi-Conduct...
2N5457 NJSEMI-2N5457 Datasheet
113Kb / 1P
   SILICON N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
2N5398 NJSEMI-2N5398 Datasheet
162Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
2N4117 NJSEMI-2N4117 Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Siemens Semiconductor G...
BF246A SIEMENS-BF246A Datasheet
127Kb / 6P
   N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
logo
Micro Electronics
2N5484 MICRO-ELECTRONICS-2N5484 Datasheet
150Kb / 1P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
logo
Siemens Semiconductor G...
BF245A SIEMENS-BF245A Datasheet
178Kb / 7P
   N-Channel junction field-Effect Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com