Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO7082 Datasheet(PDF) 1 Page - MTRONPTI

Part # XO7082
Description  Temperature Compensated Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO7082 Datasheet(HTML) 1 Page - MTRONPTI

  XO7082 Datasheet HTML 1Page - MTRONPTI XO7082 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model XO7082-000
Temperature Compensated Crystal Oscillator
Revised September 12, 2002
Piezo Technology, Inc. - 2525 Shader Road – Orlando – Florida – 32804-2780
Telephone: 407-298-2000
Fax: 407-293-2979
E-mail: Sales@piezotech.com
Electrical Specifications
Nominal Frequency (FO): 10.0MHz
Frequency Stability over Temperature:
±15ppm
Aging
Yearly Aging, <
±1ppm
10-Yearls Aging, <
±4ppm
Adjustment Method, External, 0 to 5.0VDC
Tuning Range,
±30ppm, nominal
Tuning Slope, negative
Output (HCMOS)
Duty Cycle, 50%,
±10%
Load, 1 gate or 10pF, maximum
SSB Phase Noise (maximum)
-90dbc/Hz @ 10Hz offset
-125dbc/Hz @ 100Hz offset
-135dbc/Hz @ 1kHz offset
-145dbc/Hz @ 10kHz offset
Power Supply
Voltage, +5.0VDC ±5%
Current Consumption, 10.0mA , typical
Temperature Range
Operating, 0
°C to +70°C
Storage, -55
°C to +85°C


Similar Part No. - XO7082

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
XO7080-008 MTRONPTI-XO7080-008 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
XO7080 MTRONPTI-XO7080_16 Datasheet
234Kb / 2P
   MtronPTI XO7080 Pure Sine Output SMT VCXO
More results

Similar Description - XO7082

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com