Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-A29KHBH-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # SD-A29KHBH-FREQ
Description  LVPECL UHF CLOCK (XO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A29KHBH-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SD-A29KHBH-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A29KHBH-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc SD-A29KHBH-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD-X29KXXX Series
Continued
LVPECL UHF CLOCK (XO)
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 4.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
38
640
MHz
Supply Voltage
Vcc
Code A
Code B
3.135
2.375
3.3
2.5
3.465
2.625
V
Supply current
Icc
80
100
mA
Output Logic Type
LVPEC
L
Load
Output to Vcc-2V, or
Thevenin Equivalent
50
Ohm
Output Levels
Voh
Vol
overall
Vcc-
1.025
Vcc-
1.620
V
Duty Cycle (Symmetry)
At 50% of output voltage
swing
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.5
0.7
ns
Jitter
Integrated
J
Integrated from Phase
Noise, 12 KHz to 20
MHz, RMS
0.3
ps
Wavecrest
characterized
Random
period,
<320 M
>320 M
2.5
2.5
ps
Accumul.,
pk-to-pk
<320 M
>320 M
30
43
ps
Deterministic
<320 M
>320 M
6
18
ps
Sub-harmonics
<320 M
>320 M
-50
-35
dBc
Phase Noise
£(∆f)
212.5 MHz
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-65
-95
-125
-140
-145
-148
dBc/Hz
Frequency Stability
∆F/F
Overall, including initial
calibration, temperature,
aging 10 years, shock and
vibration
See “Creating a Part Number”
Not all combinations available,
consult factory
ppm
Enable High Option
Pin 2 Enabled
Pin 2 Disabled
CMOS logic 1 or N/C
CMOS logic 0
0.7 Vcc
0
Vcc
0.3 Vcc
V
Enable Low Option
Pin 2 Disabled
Pin 2 Enabled
CMOS logic 1 or N/C
CMOS logic 0
0.7 Vcc
0
Vcc
0.3 Vcc
V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. B
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0628B


Similar Part No. - SD-A29KHBH-FREQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD-A2920 ETC-SD-A2920 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2920-FREQ ETC-SD-A2920-FREQ Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2921 ETC-SD-A2921 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2921-FREQ ETC-SD-A2921-FREQ Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2927 ETC-SD-A2927 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SD-A29KHBH-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29JXXX NEL-SD-A29JXXX Datasheet
355Kb / 3P
   LVPECL UHF CLOCK (XO)
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
SD-A2D4XXX NEL-SD-A2D4XXX Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
SD-X2D4XXX-X NEL-SD-X2D4XXX-X Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com