Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-036DHAE-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # AB-036DHAE-FREQ
Description  PECL/LVPECL UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-036DHAE-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  AB-036DHAE-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AB-036DHAE-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AB-036DHAE-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AB-X36DXXX Series
Continued
PECL/LVPECL UHF VCXO
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 4.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
200
1000
MHz
Supply Voltage
Vcc
Code
Code A
4.75
3.135
5.0
3.3
5.25
3.465
V
Supply current
Icc
60
80
mA
Output Logic Type
LVPECL
Load
Output to Vcc-2V, or
Thevenin Equivalent
50
Ohm
Output Levels
Voh
Vol
overall
Vcc-
1.025
Vcc-
1.620
V
Duty Cycle
(Symmetry)
At 50% of output voltage
swing
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.5
0.7
ns
Jitter
Integrated
J
Integrated from Phase
Noise, 12 KHz to 20 MHz,
RMS
0.1
0.2
ps
10 Hz to 80 KHz, RMS
1.0
ps
50 Khz to 80 Mhz
0.3
ps
Wavecrest
characterized
Random
period,
2.5
ps
Accumul., pk-
to-pk
25
ps
Deterministic
1
ps
Sub-harmonics
@ 622.08MHz
-50
-46
dBc
Phase Noise
£(Δf)
622.080 MHz,
APR 50ppm
or less
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-60
-90
-118
-135
-140
-145
-55
-85
-113
-130
-135
-140
dBc/Hz
Frequency Stability,
usually not specified -
unless necessary, APR
is specified to
incorporate stability
ΔF/F
Overall, including initial
calibration, temperature,
aging 10 years, shock and
vibration @ Vc=Vcc/2;
APR 50ppm, or less
±20
±30
ppm
Control Voltage Range
Vc
0V
Vcc
V
Setability
Vcs
Vc to set F at Fo; T, Vcc,
load - nominal, as shipped
0.4 Vcc
0.5 Vcc
0.6 Vcc
V
Absolute Pull Range
APR
Over all conditions, see part
# creation
20,32,
50,100
ppm
Input Impedance
Zin
@ Fmod < 100 Khz
50
KOhm
Modulation Bandwidth
At Vc = Vcc/2, -3dB
20
KHz
Enable
Pin 2 = Low, 0 to Vcc-
1.62V
Enabled
V
Disable
Pin 2 = High, Vcc-1.025V
to Vcc
Disabled, Pin 4 = Logic “1",
Pin 5 = Logic “0"
V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. C
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0630B


Similar Part No. - AB-036DHAE-FREQ

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0351BA-01WA-E40-S A-BRIGHT-AB-0351BA-01WA-E40-S Datasheet
203Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-01WA-G10-S A-BRIGHT-AB-0351BA-01WA-G10-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-12V0-M00-S A-BRIGHT-AB-0351BA-12V0-M00-S Datasheet
198Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-24V0-M00-S A-BRIGHT-AB-0351BA-24V0-M00-S Datasheet
199Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351GA-01WA-E40-S A-BRIGHT-AB-0351GA-01WA-E40-S Datasheet
203Kb / 3P
   HIGH POWER LED BULB
7/2/2007
More results

Similar Description - AB-036DHAE-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
logo
Golledge Electronics Lt...
GVXO38 GOLLEDGE-GVXO38 Datasheet
71Kb / 1P
   VCXO Complementray ECL/PECL UHF Range
logo
Advanced XTAL Products
AXIS50-11 AXTAL-AXIS50-11 Datasheet
248Kb / 2P
   UHF VCXO with LVPECL or Sinus Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com