Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

311410102 Datasheet(PDF) 4 Page - ITT Industries

Part # 311410102
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

311410102 Datasheet(HTML) 4 Page - ITT Industries

  311410102 Datasheet HTML 1Page - ITT Industries 311410102 Datasheet HTML 2Page - ITT Industries 311410102 Datasheet HTML 3Page - ITT Industries 311410102 Datasheet HTML 4Page - ITT Industries 311410102 Datasheet HTML 5Page - ITT Industries 311410102 Datasheet HTML 6Page - ITT Industries 311410102 Datasheet HTML 7Page - ITT Industries 311410102 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
C&K 3 Series
Thumbwheel Switches
MOUNTING STYLE
N
N = Number of sections.
PANEL MOUNTING
Mtg. Holes
N = Number of sections.
(.350 x N) + .560
(8,89 x N) + (14,22)
(.350 x N) + .340
(8,89 x N) + (8,64)
10
DIM. ‘B’
DIM. ‘A’
MOUNTING
STYLE
N = Number of sections.
Recommended panel thickness:
0.46-.125
(1,16-3,18)
20
SWITCH ASSEMBLY W/ ENDPLATES–.350 (8,89) SECTION PITCH
29
SWITCH SECTION ONLY–UNASSEMBLED WITHOUT ENDPLATES OR SPACERS
(Must be ordered with number of sections option “0”, see Page N–9.)
19
SWITCH SECTION ONLY–UNASSEMBLED WITHOUT ENDPLATES OR SPACERS
(Must be ordered with number of sections option “0”, see Page N–9.)
10
SWITCH ASSEMBLY W/ ENDPLATES–.350 (8,89) SECTION PITCH
Type 1 Rear Mount
Type 2 Rear Mount
NOTE: Endplates, blank sections, spacers and
assembly hardware available separately, see pages N–13 and N–14.
N–11
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 311410102

ManufacturerPart #DatasheetDescription
logo
Lumberg
311410 LUMBERG-311410 Datasheet
77Kb / 2P
   Minimodul??Steckverbinder, Raster 2,5 mm
311410 LUMBERG-311410 Datasheet
165Kb / 2P
   Mini modul-Leergehause zur Aufnahme von Crimp - kontakten, fur indirektes Stecken
311410 LUMBERG-311410 Datasheet
437Kb / 3P
   Minimodul connectors, pitch 2.5 mm
311410VP15 LUMBERG-311410VP15 Datasheet
437Kb / 3P
   Minimodul connectors, pitch 2.5 mm
More results

Similar Description - 311410102

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com