Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OC-F87VT01A Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # OC-F87VT01A
Description  Micro-miniature OCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OC-F87VT01A Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  OC-F87VT01A Datasheet HTML 1Page - Nel Frequency Controls,inc OC-F87VT01A Datasheet HTML 2Page - Nel Frequency Controls,inc OC-F87VT01A Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635A
CRYSTAL OSCILLATORS
OC-X87XXXXX Series
Micro-miniature OCXO
Features
• Low Cost DIL 14 package
• High Vacuum Sealed Crystal
• Low Power Consumption (500 mW)
• Fast Warm-up Time (2 minutes)
• Stratum3 or better Stability
• Low Aging < 3 ppm over life
• Very Low Phase Noise (-160dBc/Hz TYP)
• HCMOS/TTL or Sine-Wave output
• 8 MHz to 160 MHz Frequencies Available
• Voltage Control Optional
Applications
• Telecommunications
• Data Communications
• Instrumentation
7
DUT
Vc
14
1
Vcc
OUTPUT
8
0.340 (8.7 mm)
0.250 (6.2 mm)
7
8
14
1
0.300 (7.6 mm)
0.500 (12.7 mm)
0.800 (20.3 mm)
0.600 (15.2mm)


Similar Part No. - OC-F87VT01A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-160 VECTRON-OC-160 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109AA-10 VECTRON-OC-160AAB-109AA-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109AF-10 VECTRON-OC-160AAB-109AF-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109BA-10 VECTRON-OC-160AAB-109BA-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
More results

Similar Description - OC-F87VT01A

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
VFT8 ECM-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
CTS Corporation
1914 CTS-1914 Datasheet
199Kb / 5P
   Miniature OCXO
logo
Advanced XTAL Products
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
   High Stability Miniature OCXO with HCMOS Output
AXIOM37-8 AXTAL-AXIOM37-8 Datasheet
102Kb / 4P
   Low Power Miniature OCXO in DIL8 package
logo
Adam Technologies, Inc.
DE09-SG-22 ADAM-TECH-DE09-SG-22 Datasheet
89Kb / 1P
   MICRO MINIATURE CONNECTOR
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
   OCXO Miniature size with Stratum 3E stability
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
   Miniature OCXO with Stratum III stability option
logo
Raltron Electronics Cor...
OX2551A RALTRON-OX2551A Datasheet
34Kb / 2P
   Miniature OCXO in modified CO-15 package
logo
Adam Technologies, Inc.
DB25-SG-22 ADAM-TECH-DB25-SG-22 Datasheet
87Kb / 1P
   MICRO MINIATURE CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com