Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1177 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1177
Description  Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1177 Datasheet(HTML) 1 Page - Analog Devices

  ADM1177 Datasheet HTML 1Page - Analog Devices ADM1177 Datasheet HTML 2Page - Analog Devices ADM1177 Datasheet HTML 3Page - Analog Devices ADM1177 Datasheet HTML 4Page - Analog Devices ADM1177 Datasheet HTML 5Page - Analog Devices ADM1177 Datasheet HTML 6Page - Analog Devices ADM1177 Datasheet HTML 7Page - Analog Devices ADM1177 Datasheet HTML 8Page - Analog Devices ADM1177 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Hot Swap Controller and
Digital Power Monitor with Soft-Start Pin
Preliminary Technical Data
ADM1177
Rev. PrD May 2006
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Allows Safe Board Insertion and Removal from a Live
Backplane
Controls Supply Voltages from 3.15 V to 14V
Precision Current Sense Amplifier
Precision Voltage Input
12-Bit ADC for Current and Voltage Readback
Charge Pumped Gate Drive for External N-FET Switch
Adjustable Analog Current Limit with Circuit Breaker
Fast Response Limits Peak Fault Current
Automatic Retry or Latch-Off On Current Fault
Programmable hot swap timing via TIMER pin
Soft-start pin for reference adjustment and programming of
initial current ramp rate
Active-high ON pin
I2C Fast Mode compliant interface (400 KHz max)
10-lead MSOP package
APPLICATIONS
Power Monitoring/Power Budgeting
Central office Equipment
Telecommunication and Datacommunication Equipment
PC/Servers
GENERAL DESCRIPTION
The ADM1177 is an integrated hot-swap controller which offers
digital current and voltage monitoring via an on-chip 12-bit
ADC, communicated through an I2C interface.
An internal current sense amplifier senses voltage across the
sense resistor in the power path via the VCC and SENSE pins.
The ADM1177 limits the current through this resistor by
controlling the gate voltage of an external N-channel FET in the
power path, via the GATE pin. The sense voltage (and hence the
inrush current) is kept below a preset maximum.
The ADM1177 protects the external FET by limiting the time
that it spends with the maximum current running in it. This
current limit period is set by the choice of capacitor attached to
the TIMER pin. Additionally, the device provides protection
from overcurrent events at times after the hot-swap event is
complete. In the case of a short-circuit event the current in the
sense resistor will exceed an overcurrent trip threshold, and the
FET will be switched off immediately by pulling down the
GATE pin.
FUNCTIONAL BLOCK DIAGRAM
+
-
SCL
I2C
12-Bit
ADC
ADM1177
V
SENSE
VCC
SDA
GND
I
ADR
SS
FET Drive
Controller
GATE
ON
0
1
+
-
UV Comparator
Current Sense
Amplifier
Mux
1.3V
A
TIMER
Figure 1.
APPLICATIONS DIAGRAM
R
SENSE
CONTROLLER
ADM1177
SENSE
VCC
SDA
SCL
SDA
SCL
3.15V - 14V
P=VI
GND
GATE
N-Channel FET
ON
ADR
TIMER
SS
Figure 2.
A Soft-start (SS) pin is also included. This gives the user control
over the reference on the current sense amplifier. An internal
current source will charge a capacitor on this pin at startup,
allowing the user set the profile of the initial current ramp. A
voltage can also be driven on this pin to alter the reference.
A 12-bit ADC can measure the current seen in the sense
resistor, and also the supply voltage on the VCC pin.
An industry standard I2C interface allows a controller to read
current and voltage data from the ADC. Measurements can be
initiated by an I2C command. Alternatively the ADC can run
continuously and the user can read the latest conversion data
whenever it is required. Up to 4 unique I2C addresses can be
created by the way the ADR pin is connected.
The ADM1177 is packaged in a 10-lead MSOP package.


Similar Part No. - ADM1177

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
More results

Similar Description - ADM1177

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
   Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
REV. 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
LTC4287 AD-LTC4287 Datasheet
2Mb / 77P
   High Power Positive Hot Swap Controller with Power Monitor
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com