Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTL2107 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # GTL2107
Description  12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2107 Datasheet(HTML) 4 Page - NXP Semiconductors

  GTL2107 Datasheet HTML 1Page - NXP Semiconductors GTL2107 Datasheet HTML 2Page - NXP Semiconductors GTL2107 Datasheet HTML 3Page - NXP Semiconductors GTL2107 Datasheet HTML 4Page - NXP Semiconductors GTL2107 Datasheet HTML 5Page - NXP Semiconductors GTL2107 Datasheet HTML 6Page - NXP Semiconductors GTL2107 Datasheet HTML 7Page - NXP Semiconductors GTL2107 Datasheet HTML 8Page - NXP Semiconductors GTL2107 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
GTL2008_GTL2107_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 26 September 2006
4 of 20
Philips Semiconductors
GTL2008; GTL2107
GTL translator with power good control and high-impedance outputs
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for TSSOP28
GTL2008PW
GTL2107PW
VREF
VCC
1AO
1BI
2AO
2BI
5A
7BO1
6A
7BO2
EN1
EN2
11BI
11BO
11A
5BI
9BI
6BI
3AO
3BI
4AO
4BI
10AI1
10BO1
10AI2
10BO2
GND
9AO
002aab969
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27
Table 3.
Pin description
Symbol
Pin
Description
VREF
1
GTL reference voltage
1AO
2
data output (LVTTL), open-drain
2AO
3
data output (LVTTL), open-drain
5A
4
data input/output (LVTTL), open-drain
6A
5
data input/output (LVTTL), open-drain
EN1
6
enable input (LVTTL)
11BI
7
data input (GTL)
11A
8
data input/output (LVTTL), open-drain
9BI
9
data input (GTL)
3AO
10
data output (LVTTL), open-drain
4AO
11
data output (LVTTL), open-drain
10AI1
12
data input (LVTTL)
10AI2
13
data input (LVTTL)
GND
14
ground (0 V)
9AO
15
data output (LVTTL), 3-state
10BO2
16
data output (GTL)
10BO1
17
data output (GTL)
4BI
18
data input (GTL)
3BI
19
data input (GTL)


Similar Part No. - GTL2107

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
GTL2107PW NXP-GTL2107PW Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
More results

Similar Description - GTL2107

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2008 NXP-GTL2008 Datasheet
201Kb / 22P
   12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
Rev. 04-19 February 2010
GTL2007 NXP-GTL2007 Datasheet
120Kb / 20P
   12-bit GTL to LVTTL translator with power good control
Rev. 02-16 February 2007
logo
Texas Instruments
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2007 PHILIPS-GTL2007 Datasheet
98Kb / 19P
   13-bit GTL to LVTTL translator with power good control
Rev. 01-2 June 2005
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com