Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCT3UF1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRMCT3UF1
Description  Complete Integrated High Performance Sensorless Speed Control in a Compact, Ruggedized Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCT3UF1 Datasheet(HTML) 2 Page - International Rectifier

  IRMCT3UF1 Datasheet HTML 1Page - International Rectifier IRMCT3UF1 Datasheet HTML 2Page - International Rectifier IRMCT3UF1 Datasheet HTML 3Page - International Rectifier IRMCT3UF1 Datasheet HTML 4Page - International Rectifier IRMCT3UF1 Datasheet HTML 5Page - International Rectifier IRMCT3UF1 Datasheet HTML 6Page - International Rectifier IRMCT3UF1 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.irf.com
IRMCT3UF1
Electrical Characteristics @Tc = 25°C (Unless Otherwise Specified)
Parameter
Value
INPUT POWER
Voltage
28Vdc to 48Vdc
Power Dissipation
12.5Watts
OUTPUT POWER
Power
500VA Continuous
15Arms Continuous
20Arms Overload
INTERFACE
Diagnostic Inteface ( RS232C/422 )
57.6Kbaud Single Ended
Analog Input
0-2.5V or 2.5-5.0V Input Reference Command
DISCRETE I/O
Input
ON / OFF, Fault Clear
Output
FAULT
ANALOG FEEDBACK
Current Sensing
Leg Shunt - ( low side )
Voltage Sensing
Vbus Voltage Divider
Analog to Digital Converter
12 bit Resolution
PROTECTION
Output Current Trip Level
500VA Version - 30A Peak
Over-Temperature Trip Level
110°C Min
Short Circuit Response Time
5.0
µs
DC BUS VOLTAGE
Maximum DC Bus Voltage
48V
Minimum DC Bus Voltage
20V
AMBIENT ENVIRONMENT
Case Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to125°C
POWER MODULE
Power Stage
IMS contains 6 Mosfets
Rth-JC
1.5°C/W
Maximum Operating TJ (MOSFET)
150°C
Phase Current


Similar Part No. - IRMCT3UF1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF143 IRF-IRMCF143 Datasheet
539Kb / 35P
   High Performance Position Servo Control IC
IRMCF143 IRF-IRMCF143 Datasheet
776Kb / 35P
   High Performance Position Servo Control IC
IRMCF143TR IRF-IRMCF143TR Datasheet
539Kb / 35P
   High Performance Position Servo Control IC
IRMCF143TY IRF-IRMCF143TY Datasheet
539Kb / 35P
   High Performance Position Servo Control IC
IRMCF143 IRF-IRMCF143_15 Datasheet
776Kb / 35P
   High Performance Position Servo Control IC
More results

Similar Description - IRMCT3UF1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
   High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCK203 IRF-IRMCK203 Datasheet
400Kb / 57P
   High Performance Sensorless Motion Control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com