Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54416 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54416
Description  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54416 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54416 Datasheet HTML 5Page - Intersil Corporation ISL54416 Datasheet HTML 6Page - Intersil Corporation ISL54416 Datasheet HTML 7Page - Intersil Corporation ISL54416 Datasheet HTML 8Page - Intersil Corporation ISL54416 Datasheet HTML 9Page - Intersil Corporation ISL54416 Datasheet HTML 10Page - Intersil Corporation ISL54416 Datasheet HTML 11Page - Intersil Corporation ISL54416 Datasheet HTML 12Page - Intersil Corporation ISL54416 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6318.1
June 27, 2006
Application Block Diagram
Detailed Description
The ISL5441X family of devices are dual single pole/double
throw (SPDT) analog switches that operate from a single
power supply. They were designed to function as dual 2 to 1
multiplexers to select between USB differential data signals
and mono Audio/Composite Video Broadcast System
(CVBS). They come in tiny µTQFN package for use in digital
cameras, camcorders, video MP3 players, PDAs,
cellphones, and other personal media players.
All devices in this family consist of two 1
Ω normally closed
(NC) Audio/Video switches and two 5
Ω normally open (NO)
USB switches. The audio/video switches can accept signals
that swing below ground. They were designed to pass
ground reference audio or DC-restored with synch
composite video signals with minimal distortion. The USB
switches were designed to pass full-speed USB differential
data signals with minimal edge and phase distortion.
The ISL54415 and ISL54416 were specifically designed for
digital cameras, camcorders, MP3 players, cellphones and
other personal media player applications that need to
combine the audio/video jacks and the USB data connector
into a single shared connector, thereby saving space and
component cost. A typical application block diagram of this
functionality is shown above. The ISL54415 and ISL54416
incorporate circuitry for the detection of the USB VBUS
voltage, which is used to switch between the audio/video
drivers and USB transceiver of media player. The ISL54415
contains additional circuitry to generate the required USB
VTERM of 3.3V for use with the USB speed setting pull-up
resistor.
The ISL54417 is an audio/video and data switch who’s logic
control is typical of a standard dual SPDT device.
A detailed description of the two types of switches and of
each part type in the ISL5441X family are provided in the
following sections. The digital data transmission (USB, etc.)
and audio/video playback are intended to be mutally
exclusive operations.
NC1 and NC2 Audio/Video Switches
The two NC (normally closed) audio/video switches (NC1,
NC2) are 1
Ω high bandwidth switches that can pass signals
that swing below ground by as much as 1.5V. They were
design to pass ground reference audio signals and
DC-restored Composite Video Broadcast System (CVBS)
including negative synchronizing pulse with minimal
insertion loss and very low distortion and degradation.
The -3dB bandwidth into 50
Ω is 394MHz and into 75Ω is
264MHz. Crosstalk between NC1 and NC2 @ 4MHz is
-60dB which allows composite video to be routed through
one switch and mono-audio through the other switch with
little interference.
The recommended maximum signal range is from -1.5V to
1.5V. You can apply positive signals greater than 1.5V but
the RON resistance of the switch increases rapidly above
1.5V. The signal should not be allowed to exceed the VDD
rail or swing more negative than -1.5V.
Over a signal range of ±1V these switches have an
extremely low RON flatness. They can pass a ground
referenced audio signal with very low distortion (<0.007%
THD+N) when delivering 12mW into a 32
Ω headphone
speaker load. See Figures 10 and 11 THD+N performance
curves.
Figures 8 and 9 show the vector scope plots of a standard
NTSC color bar signal at both the input (Figure 8) and output
(Figure 9) of the ISL54415. The plots show that except for a
little attentuation, due to switch RON and test fixture cabling,
there is virtually no degradation of the video waveform
through the switch.
ISL54415
USB
TRANSCEIVER
FULL-SPEED
AUDIO
COM1
COM2
VBUS
GND
NO1
NO2
NC1
NC2
VDD
VTERM
NTSC OR PAL
VIDEO
D-
D+
ISL54415, ISL54416, ISL54417


Similar Part No. - ISL54416

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54416 RENESAS-ISL54416 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
ISL54416IRUZ-T RENESAS-ISL54416IRUZ-T Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
More results

Similar Description - ISL54416

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com