Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-B29LNAH-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # AA-B29LNAH-FREQ
Description  LVPECL HF/UHF CLOCK (XO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AA-B29LNAH-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  AA-B29LNAH-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AA-B29LNAH-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AA-B29LNAH-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AA-X29LXXX Series
Continued
LVPECL HF/UHF CLOCK (XO)
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 4.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters
Parameter
Sym
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
150
500
MHz
Supply Voltage
Vcc
Code A
Code B
3.135
2.375
3.3
2.5
3.465
2.625
V
Supply current
Icc
80
100
mA
Output Logic Type
LVPECL
Load
Output to Vcc-2V, or
Thevenin Equivalent
50
Ohm
Output Levels
Voh
Vol
overall
Vcc-
1.025
Vcc-
1.620
V
Duty Cycle (Symmetry)
At 50% of output voltage
swing
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.35
0.4
ns
Jitter
Integrated
J
Integrated from Phase
Noise, 12 KHz to 20 MHz
, RMS
0.2
ps
Wavecrest
characterized
Random
period,
2.5
2.5
ps
Accumul.,
pk-to-pk
25
ps
Deterministic
36
Phase Noise
£(∆f)
212.5 MHz
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-65
-95
-125
-140
-145
-148
dBc/Hz
Frequency Stability
∆F/F
Overall, including initial
calibration, temperature,
aging 10 years, shock and
vibration
See “Creating a Part Number”
Not all combinations available,
consult factory
ppm
Enable Low Option
Pin 2 Disabled
Pin 2 Enabled
PECL logic “1"
PECL logic “0"
Vcc-1
0
Vcc
Vcc-1.6
V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. -
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0631F


Similar Part No. - AA-B29LNAH-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-B2D6H99-FREQ NEL-AA-B2D6H99-FREQ Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-B2D6H9E-FREQ NEL-AA-B2D6H9E-FREQ Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-B2D6H9F-FREQ NEL-AA-B2D6H9F-FREQ Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-B2D6H9G-FREQ NEL-AA-B2D6H9G-FREQ Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-B2D6H9H-FREQ NEL-AA-B2D6H9H-FREQ Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
More results

Similar Description - AA-B29LNAH-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29JXXX NEL-SD-A29JXXX Datasheet
355Kb / 3P
   LVPECL UHF CLOCK (XO)
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-A2D6XXX NEL-AA-A2D6XXX Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-XEXX NEL-AA-XEXX Datasheet
206Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
AA-XEXX-X NEL-AA-XEXX-X Datasheet
151Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
AA-X1EXX-X NEL-AA-X1EXX-X Datasheet
162Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com