Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5100B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5100B
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5100B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5100B Datasheet HTML 1Page - National Semiconductor (TI) LM5100B Datasheet HTML 2Page - National Semiconductor (TI) LM5100B Datasheet HTML 3Page - National Semiconductor (TI) LM5100B Datasheet HTML 4Page - National Semiconductor (TI) LM5100B Datasheet HTML 5Page - National Semiconductor (TI) LM5100B Datasheet HTML 6Page - National Semiconductor (TI) LM5100B Datasheet HTML 7Page - National Semiconductor (TI) LM5100B Datasheet HTML 8Page - National Semiconductor (TI) LM5100B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics (Continued)
Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C to
+125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only. Unless otherwise specified, VDD =
V
HB = 12V, VSS =VHS = 0V, No Load on LO or HO (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LO & HO GATE DRIVER
V
OH
High-Level Output Voltage
LM5100A/LM5101A
I
HO =ILO = 100 mA
V
OH = VDD– LO or
V
OH =HB-HO
0.24
0.45
V
High-Level Output Voltage
LM5100B/LM5101B
0.28
0.60
High-Level Output Voltage
LM5100C/LM5101C
0.60
1.10
I
OHL
Peak Pullup Current LM5100A/LM5101A
HO, LO = 0V
3
A
Peak Pullup Current LM5100B/LM5101B
2
Peak Pullup Current LM5100C/LM5101C
1
I
OLL
Peak Pulldown Current LM5100A/LM5101A
HO, LO = 12V
3
A
Peak Pulldown Current LM5100B/LM5101B
2
Peak Pulldown Current LM5100C/LM5101C
1
THERMAL RESISTANCE
θ
JA
Junction to Ambient
SOIC-8
170
˚C/W
LLP-10 (Note 3)
40
Switching Characteristics
Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C to
+125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only. Unless otherwise specified, VDD =
V
HB = 12V, VSS =VHS = 0V, No Load on LO or HO (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
LPHL
LO Turn-Off Propagation Delay
LM5100A/B/C
LI Falling to LO Falling
20
45
ns
LO Turn-Off Propagation Delay
LM5101A/B/C
22
56
t
LPLH
LO Turn-On Propagation Delay
LM5100A/B/C
LI Rising to LO Rising
20
45
ns
LO Turn-On Propagation Delay
LM5101A/B/C
26
56
t
HPHL
HO Turn-Off Propagation Delay
LM5100A/B/C
HI Falling to HO Falling
20
45
ns
HO Turn-Off Propagation Delay
LM5101A/B/C
22
56
t
HPLH
LO Turn-On Propagation Delay
LM5100A/B/C
HI Rising to HO Rising
20
45
ns
LO Turn-On Propagation Delay
LM5101A/B/C
26
56
t
MON
Delay Matching: LO on & HO off
LM5100A/B/C
1
10
ns
Delay Matching: LO on & HO off
LM5101A/B/C
4
10
t
MOFF
Delay Matching: LO off & HO on
LM5100A/B/C
1
10
ns
Delay Matching: LO on & HO off
LM5101A/B/C
4
10
t
RC,tFC
Either Output Rise/Fall Time
C
L = 1000 pF
8
ns
www.national.com
5


Similar Part No. - LM5100B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100B TI1-LM5100B Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100BMA TI1-LM5100BMA Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100BMA TI1-LM5100BMA Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5100BMA/NOPB TI1-LM5100BMA/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100BMAX TI1-LM5100BMAX Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com