Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-A29NNCG Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # AB-A29NNCG
Description  PECL/LVPECL UHF XO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-A29NNCG Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  AB-A29NNCG Datasheet HTML 1Page - Nel Frequency Controls,inc AB-A29NNCG Datasheet HTML 2Page - Nel Frequency Controls,inc AB-A29NNCG Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0645A
AB-X29NXXX Series
PECL/LVPECL UHF XO
Description
The AB-X29NXXX Series of crystal oscillators (XO) provides ultra high frequency with
PECL/LVPECL complementary outputs. The outputs can be disabled for test automation or
combining multiple clocks. The device is based on low noise analog harmonic frequency
multiplication, providing exceptionally low Phase Noise and Jitter. It’s packaged in a miniature,
FR-4 based 9x14 mm SMD package
Applications and Features
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SONET/SDH
• High Reliability – NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Extremely Low Phase Noise and Jitter
• Frequency Range to 1,000 MHz
• RoHS compliant, Lead Free Construction
• SONET ± 20 ppm overall stability available
• High Shock Resistance, to 1.000 G
Creating a Part Number
AB - X 29N X X X
Package code
AB 6 pad 9x14 mm SMD
Operating Voltage
0 5.0 V ± 5%
A 3.3 V ± 5%
Temperature Range, ºC
A 0 to 50
B 0 to 70
C -20 to 70
D -40 to 85
9 Customer Specific
Frequency Stability, ppm
E ±20
F ±25
G ±32
H ±50
J ±100
K Customer specific
Enable Option
L Enable Low
N N/C


Similar Part No. - AB-A29NNCG

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-A36DH99-FREQ NEL-AB-A36DH99-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-A36DH9E-FREQ NEL-AB-A36DH9E-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-A36DH9F-FREQ NEL-AB-A36DH9F-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-A36DH9G-FREQ NEL-AB-A36DH9G-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-A36DH9H-FREQ NEL-AB-A36DH9H-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
More results

Similar Description - AB-A29NNCG

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
   PECL/LVPECL HF XO
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29JXXX NEL-SD-A29JXXX Datasheet
355Kb / 3P
   LVPECL UHF CLOCK (XO)
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com