Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMO5CDE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMO5CDE
Description  5V 5x7mm Surface Mount Crystal Clock Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMO5CDE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMO5CDE Datasheet HTML 1Page - List of Unclassifed Manufacturers CMO5CDE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TTL/CMOS Compatible
Tri-State Feature for Auto Test Systems
Tape & Reel Packaging
±20ppm Available - Please Contact Factory
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
CMO5
Frequency Range (MHz)
1.5 to 156.250
Frequency Stability (ppm)
Overall (Typical)
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±25
-40°C to +85°C
±50
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-40°C to +125°C
Supply Voltage (V)
+5.0 ±10%
Input Current (mA)
1.5MHz to 30MHz
Symmetry (%) TTL/CMOS
45/55
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
CMO5XXXX - Specify Frequency
“C” = CMOS
“T” = TTL
“Blank” = 0oC to 70oC Operating Temp.
“M” = -40oC to 85oC Operating Temp.
“A” = ±25ppm (-40oC to 85oC Excluding Aging)
“B” = ±50ppm
“C” = ±100ppm
“D” = ±20ppm Excluding Aging (Contact Factory)
“Blank” = Fixed Frequency
“E” = Tri-State
CMO5 Series
5V 5x7mm Surface Mount Crystal Clock Oscillators
<10
10TTL/15pF
Load
Transistion Times
Rise Time (ns)
Fall Time (ns)
<5
<5
“0” Level (VOL)
“1” Level (VOH)
0.5V
2.4V/4.5V
>30MHz to 50MHz
<30
>50MHz to 156.250MHz
<50
1.5MHz to 50MHz
>50MHz to 156.250MHz
<3
<3


Similar Part No. - CMO5CDE

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
CMO5CDE MTRONPTI-CMO5CDE Datasheet
336Kb / 3P
   5 x 7 mm, 5.0 Volt, CMOS/TTL, Clock Oscillator
More results

Similar Description - CMO5CDE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMO3 ETC1-CMO3 Datasheet
409Kb / 2P
   3.3V 5x7mm Surface Mount Crystal Clock Oscillators
logo
MTRONPTI
MSO MTRONPTI-MSO Datasheet
605Kb / 2P
   5V 9x14mm Surface Mount Crystal Clock Oscillators
MSO2 MTRONPTI-MSO2 Datasheet
611Kb / 2P
   5V 9x11mm Surface Mount Crystal Clock Oscillators
logo
List of Unclassifed Man...
F1100C ETC1-F1100C Datasheet
441Kb / 2P
   5V FR-4 Surface Mount Crystal Clock Oscillators
logo
MTRONPTI
RASCOPLUS MTRONPTI-RASCOPLUS Datasheet
604Kb / 2P
   5V Crystal Clock Oscillators
K1400A MTRONPTI-K1400A Datasheet
279Kb / 2P
   5V Crystal Clock Oscillators
K1110D MTRONPTI-K1110D Datasheet
289Kb / 2P
   5V Crystal Clock Oscillators
K1300 MTRONPTI-K1300 Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
logo
List of Unclassifed Man...
K1100F ETC1-K1100F Datasheet
427Kb / 2P
   5V Crystal Clock Oscillators
K500F ETC1-K500F Datasheet
414Kb / 2P
   5V Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com