Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8811EEE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8811EEE+
Description  High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8811EEE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8811EEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX8811EEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX8811EEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX8811EEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX8811EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX8811EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX8811EEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX8811EEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX8811EEE+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
High-Speed, Dual-Phase Driver
with Integrated Boost Diodes
_______________________________________________________________________________________
9
DH1
DLY
VL2
EN
PWM1
PWM2
VL1
DL1
LX1
BST1
VOUT
PGND1
MAX8811
DH2
DL2
LX2
BST2
PGND2
VIN = 12V
GATE-DRIVE SUPPLY
4.5V TO 7V
OFF
ON
PWM CONTROL
SIGNALS
R1
C3
C4
C1
C6
C7
C8
C9
C5
Q4
Q3
Q2
Q1
L2
C2
L1
Figure 3. 800kHz, 20A/Phase Typical Application Circuit
DH1
DLY
VL2
EN
PWM1
PWM2
VL1
DL1
LX1
BST1
VOUT
PGND1
MAX8811
DH2
DL2
LX2
BST2
PGND2
VIN = 12V
GATE-DRIVE SUPPLY
4.5V TO 7V
OFF
ON
PWM CONTROL
SIGNALS
C3
C4
C1
C6
C7
C8
C5
Q4
Q3
Q2
Q1
L2
C2
L1
Figure 4. 300kHz, 30A/Phase Typical Application Circuit


Similar Part No. - MAX8811EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8811EEE++ MAXIM-MAX8811EEE+ Datasheet
167Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
More results

Similar Description - MAX8811EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8811 MAXIM-MAX8811_07 Datasheet
167Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
logo
Micrel Semiconductor
MIC3223 MICREL-MIC3223 Datasheet
1Mb / 24P
   High Power Boost LED Driver with Integrated FET
logo
Renesas Technology Corp
ISL78227 RENESAS-ISL78227 Datasheet
4Mb / 45P
   2-Phase Boost Controller with Integrated Drivers
Oct 22, 2021
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
logo
Renesas Technology Corp
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Maxim Integrated Produc...
MAX8855 MAXIM-MAX8855_11 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
logo
Linear Integrated Syste...
LT3497 LINEAR-LT3497 Datasheet
345Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Texas Instruments
DRV2700 TI-DRV2700_15 Datasheet
1Mb / 37P
[Old version datasheet]   DRV2700 Industrial Piezo Driver With Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com