Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M75178P Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M75178P
Description  RS-485 TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M75178P Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M75178P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M75178P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
MITSUBISHI
〈DIGITAL ASSP〉
M75176P, M75177P
M75178P, M75179P
RS-485 TRANSCEIVER
THERMAL DERATING
0
250
500
750
1000
–20
0
20406080
AMBIENT TEMPERATURE Ta (°C)
THERMAL DERATING CHARACTERISTIC
8P4 Unit
0
10
20
30
40
50
02468
10
SUPPLY VOLTAGE VCC (V)
SUPPLY CURRENT - SUPPLY VOLTAGE CHARACTERISTIC
Output disable
EN = 0V
M75177P
A=0V
B=4.5V
Ta=25°C
Output enable
EN = 4.5V
OUTPUT “L-H” PROPAGATION DELAY TIME tPLH,
OUTPUT “H-L” PROPAGATION DELAY TIME tPHL (ns)
SWITCHING CHARACTERISTIC
0
20406080
0
2
4
6
D input
voltage
waveform
Y output voltage waveform
Z output voltage waveform
VCC=5V
Ta=25°C
0
20406080
0
2
4
6
–4
–2
0
2
4
DIFFERENTIAL OUTPUT DELAY TIME tDD,
DIFFERENTIAL OUTPUT TRANSITION TIME tTD (ns)
SWITCHING CHARACTERISTIC
Y-Z
Differential output
voltage waveform
D input
voltage
waveform
VCC=5V
Ta=25°C
0
1
2
3
4
5
0
1
2
3
4
5
0
20406080
100
OUTPUT CURRENT SOURCE IO (mA)
DRIVER
“H” OUTPUT VOLTAGE
“L” OUTPUT VOLTAGE - OUTPUT CURRENT CHARACTERISTIC
VOH
VOL
VCC=5V
Ta=25°C
0
1
2
3
4
5
0
1
2
4
5
0
20406080
100
VOC
VOD
VCC=5V
Ta=25°C
OUTPUT CURRENT IO (mA)
DIFFERENTIAL OUTPUT VOLTAGE
IN-PHASE OUTPUT VOLTAGE - OUTPUT CURRENT CHARACTERISTIC
Load line
RL=100
Load line
RL=54
3


Similar Part No. - M75178P

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
M75104P MOSDESIGN-M75104P Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
M75118P MOSDESIGN-M75118P Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results

Similar Description - M75178P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
logo
Shanghai Leiditech Elec...
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
   Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com