Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1523 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1523
Description  3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1523 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1523 Datasheet HTML 2Page - ON Semiconductor NCP1523 Datasheet HTML 3Page - ON Semiconductor NCP1523 Datasheet HTML 4Page - ON Semiconductor NCP1523 Datasheet HTML 5Page - ON Semiconductor NCP1523 Datasheet HTML 6Page - ON Semiconductor NCP1523 Datasheet HTML 7Page - ON Semiconductor NCP1523 Datasheet HTML 8Page - ON Semiconductor NCP1523 Datasheet HTML 9Page - ON Semiconductor NCP1523 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP1523
http://onsemi.com
6
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.8
3.3
3.8
4.3
4.8
5.3
IOUT = 400 mA
IOUT = 600 mA
VIN, INPUT VOLTAGE (V)
Figure 10. Frequency vs. Input Voltage
TEMPERATURE (°C)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
−40
−20
0
204060
80
IOUT = 600 mA
IOUT = 400 mA
Figure 11. Frequency vs. Temperature
−5.0
−3.0
−1.0
1.0
3.0
5.0
0
100
200
300
400
500
600
VOUT = 2.0 V
VOUT = 0.9 V
Figure 12. Load Regulation
VOUT, OUTPUT VOLTAGE (V)
0
50
100
150
200
250
300
2.7
3.2
3.7
4.2
4.7
5.2
VIN, INPUT VOLTAGE (V)
Figure 13. PFM/PWM Threshold vs. Input
Voltage
Figure 14. Stepdown Converter PFM Mode
Operation
Figure 15. Stepdown Converter PWM Mode
Operation


Similar Part No. - NCP1523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NCP1523 TI-NCP1523 Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523 Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1523 ONSEMI-NCP1523 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1523B ONSEMI-NCP1523B Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1523BFCT2G ONSEMI-NCP1523BFCT2G Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
More results

Similar Description - NCP1523

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523_07 Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1522 ONSEMI-NCP1522 Datasheet
155Kb / 17P
   3.0 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 3
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
logo
Analog Devices
ADP2109 AD-ADP2109 Datasheet
861Kb / 16P
   Compact 600 mA, 3 MHz, Step-Down Converter with Output Discharge
REV. B
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
ON Semiconductor
NCP6323 ONSEMI-NCP6323_V01 Datasheet
987Kb / 20P
   Buck Converter - Synchronous 3 MHz, 2 A High Efficiency, Low Ripple, Adjustable Output Voltage
July, 2020 ??Rev. 10
logo
Texas Instruments
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com