Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1523FCT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1523FCT2G
Description  3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1523FCT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1523FCT2G Datasheet HTML 1Page - ON Semiconductor NCP1523FCT2G Datasheet HTML 2Page - ON Semiconductor NCP1523FCT2G Datasheet HTML 3Page - ON Semiconductor NCP1523FCT2G Datasheet HTML 4Page - ON Semiconductor NCP1523FCT2G Datasheet HTML 5Page - ON Semiconductor NCP1523FCT2G Datasheet HTML 6Page - ON Semiconductor NCP1523FCT2G Datasheet HTML 7Page - ON Semiconductor NCP1523FCT2G Datasheet HTML 8Page - ON Semiconductor NCP1523FCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP1523
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Pin Name
Type
Description
A1
GND
Power Ground
Ground connection for the NFET Power Stage and the analog sections.
B2
VIN
Power Input
Power Supply Input for the PFET Power stage and the Analog Sections of the IC.
B1
SW
Analog Output
Connection from Power MOSFETs to the Inductor.
B2
EN
Digital Input
Enable for Switching Regulator. This pin is active high. This pin contains an internal
pulldown resistor.
C1
GND
Power Ground
Ground connection for the NFET Power Stage and the analog sections.
C2
ADJ
Analog Input
This pin is the compensation input. R1 is connected to this pin.
D1
VOUT
Analog Input
This pin is connected of the converter’s output. This is the sense of the output voltage.
D2
FB
Analog Input
Feedback voltage from the output of the power supply. This is the input to the error
amplifier.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Minimum Voltage All Pins
VMIN
−0.3
V
Maximum Voltage All Pins (Note 1)
VMAX
7
V
Maximum Voltage Enable, FB, SW
VMAX
VIN + 0.3
V
Thermal Resistance, Junction−to−Air (Note 2)
RJA
159
°C/W
Operating Ambient Temperature Range
TA
−40 to 85
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Junction Operating Temperature
TJ
−40 to 125
°C
Latchup Current maximum Rating TA = 85°C (Note 4)
LU
"100
mA
ESD Withstand Voltage (Note 3)
Human Body Model
Machine Model
VESD
2.0
200
kV
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. According to JEDEC standard JESD22−A108B
2. For the 8−Pin Chip scale package, the RJA is highly dependent of the PCB heatsink area. RJA = 159°C/W with 50 mm2 PCB heatsink area.
3. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) $2.0 kV per JEDEC standard: JESD22−A114
Machine Model (MM) $200 V per JEDEC standard: JESD22−A115
4. Latchup current maximum rating per JEDEC standard: JESD78.


Similar Part No. - NCP1523FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1523FCT2G ONSEMI-NCP1523FCT2G Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
More results

Similar Description - NCP1523FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523_07 Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1522 ONSEMI-NCP1522 Datasheet
155Kb / 17P
   3.0 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 3
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
logo
Analog Devices
ADP2109 AD-ADP2109 Datasheet
861Kb / 16P
   Compact 600 mA, 3 MHz, Step-Down Converter with Output Discharge
REV. B
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
ON Semiconductor
NCP6323 ONSEMI-NCP6323_V01 Datasheet
987Kb / 20P
   Buck Converter - Synchronous 3 MHz, 2 A High Efficiency, Low Ripple, Adjustable Output Voltage
July, 2020 ??Rev. 10
logo
Texas Instruments
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com