Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCM05-5786T32 Datasheet(PDF) 3 Page - ITT Industries

Part # CCM05-5786T32
Description  Combo (2, 3, 4 in 1)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM05-5786T32 Datasheet(HTML) 3 Page - ITT Industries

  CCM05-5786T32 Datasheet HTML 1Page - ITT Industries CCM05-5786T32 Datasheet HTML 2Page - ITT Industries CCM05-5786T32 Datasheet HTML 3Page - ITT Industries CCM05-5786T32 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions are shown in mm
Specifications and dimensions subject to change
www.ittcannon.com
CCM05 Combo (2, 3, 4 in 1)
9,65
ø1,5
18
25,8
24,2
21,48
7,98
27,9
4
0,75
±0,05
1,4
±0,05
1,5
±0,05
1,5
±0,05
1,5
±0,05
1,7
±0,05
1,37
±0,05
0,85
±0,05
0,93
±0,05
0,75
±0,05
0,75
±0,05
0,75
±0,05
1,12
±0,05
1,5
±0,05
2,5
15 2,5x6
0,65
2,87
1,7
1,44
0,75
±0,05
0,75
±0,05
18
±0,05
7,98
0,45
±0,05
1,5
±0,05
25,7
±0,05
1,5
4,95
1,1
1
ø1,55 +0,1
0
1,1
Memory stick edge
Connector & SD card & memory stick center line
CD switch
Pattern prohibition area
Date code
SD card edge
SD WP
SD#8
SD#7
WP GND
SD#6
MS#1
SD CD
MS#2
SD#5
MS#3
MS#4
SD#4
MS#5
SD#3MS#6
MS#7
SD#2
MS#8
MS#9
SD#1
MS#10
SD#9
SD CD GND
Pattern prohibition area
Outer dimension
of connector
RECOMMENDED PC BOARD LAYOUT
(Component side)
CCM05-5785 3 in 1 (MMC / SD / Memory Stick)
0,85
1,85
2,9
2,25
1,55
1,05
5
1,7
2,7
7
29,75
6,5
10,5
10,8
10,5
8
4
9
2,5
0,8
33
0,3
21
2,3
2
24,75
5,3
1,9
12,4
2,8
0,5
0,5
0,5
1,4
3
3,5
26,7
5
33
±0,1
5,8
10,5
1,5
10,5
4
17,5
3
16
2,2
1,6
2,1thru(x2)
=PATTERN PROHIBITION AREA
SD #9
SD #1
SD #2
SD #3
SD #4
SD #5
SD #6
SD #7
SD #8
MS #1
MS #9
MS #10
SD CD
SD WP
GND (x2 for SD CD &SD WP)
XD #1
XD #2
XD #17
XD #18
XD #20
XD #19
MS #8
MS #7
MS #6
MS #5
MS #4
MS #3
MS #2
=SD PIN
=MS PIN
=SD Card Detect
=SD Write Protect
=SD Card Detect&Write Protect GND
=XD PIN
=Pattern prohibition area
Outer dimension of connector
RECOMMENDED PC BOARD LAYOUT
(Component side)
ø
CCM05-5786 4 in 1 (MMC / SD / Memory Stick / xD)


Similar Part No. - CCM05-5786T32

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM05-5780T40 ITT-CCM05-5780T40 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
CCM05-5781T40 ITT-CCM05-5781T40 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
CCM05-5782T50 ITT-CCM05-5782T50 Datasheet
93Kb / 2P
   xD-Picture Card Connector
CCM05-5788T18 ITT-CCM05-5788T18 Datasheet
158Kb / 3P
   (SmartMedia SSFDC
CCM05-5789T30 ITT-CCM05-5789T30 Datasheet
158Kb / 3P
   (SmartMedia SSFDC
More results

Similar Description - CCM05-5786T32

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS3D23 SUMIDA-CLS3D23_1 Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
logo
Good Will Instrument Co...
GDM-8135 GWINSTEK-GDM-8135 Datasheet
571Kb / 1P
   4 1/2 & 3 1/2 DIGITAL MULTIMETER
logo
New Japan Radio
NJU6543 NJRC-NJU6543 Datasheet
214Kb / 29P
   1/2 1/3 1/4 Duty LCD Driver
logo
NEC
UPD16430A NEC-UPD16430A Datasheet
130Kb / 24P
   1/2, 1/3, 1/4 DUTY LCD CONTROLLER/DRIVER
UPD16431A NEC-UPD16431A Datasheet
179Kb / 34P
   1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
   Static 1/2 1/3 1/4 Duty LCD Driver
logo
Renesas Technology Corp
PD16431A RENESAS-PD16431A_15 Datasheet
743Kb / 38P
   1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
TRAVELERC6 ETC2-TRAVELERC6 Datasheet
503Kb / 4P
   2 (C6) 3-prong connectors, in-line surge suppressor with 1 in/1 out tel/modem/ethernet combo
logo
Precid-Dip Durtal SA
121-93-210-41-001 PREDIP-121-93-210-41-001 Datasheet
47Kb / 1P
   Dual-in-line sockets Open frame Wire-wrap 1 / 2 / 3 / 4 level
logo
Marktech Corporate
MT550-HR MARKTECH-MT550-HR Datasheet
31Kb / 1P
   2-CHIP T-1 3/4 LED LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com