Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF495 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF495
Description  NPN medium frequency transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF495 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF495 Datasheet HTML 1Page - NXP Semiconductors BF495 Datasheet HTML 2Page - NXP Semiconductors BF495 Datasheet HTML 3Page - NXP Semiconductors BF495 Datasheet HTML 4Page - NXP Semiconductors BF495 Datasheet HTML 5Page - NXP Semiconductors BF495 Datasheet HTML 6Page - NXP Semiconductors BF495 Datasheet HTML 7Page - NXP Semiconductors BF495 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jul 08
3
Philips Semiconductors
Product specification
NPN medium frequency transistors
BF494; BF495
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
30
V
VCEO
collector-emitter voltage
open base
20
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
30
mA
ICM
peak collector current
30
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
420
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =20V
100
nA
IE = 0; VCB =20V; Tamb = 150 °C
4
µA
IEBO
emitter cut-off current
IC = 0; VEB =4V
100
nA
hFE
DC current gain
IC = 1 mA; VCE =10V
BF494
67
220
BF494B
100
220
BF495
35
125
BF495B
100
125
VBE
base-emitter voltage
IC = 1 mA; VCE = 10 V
650
740
mV
Cre
feedback capacitance
IC = 0; VCB =10V; f=1MHz
1pF
fT
transition frequency
IC = 1 mA; VCE = 10 V; f = 100 MHz
120
MHz


Similar Part No. - BF495

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BF495 MICRO-ELECTRONICS-BF495 Datasheet
117Kb / 2P
   NPN SILICON RF SMALL SIGNAL TRANSISTOR
logo
Continental Device Indi...
BF495 CDIL-BF495 Datasheet
68Kb / 4P
   NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
BF495 CDIL-BF495 Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
BF495C CDIL-BF495C Datasheet
68Kb / 4P
   NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
BF495C CDIL-BF495C Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - BF495

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF840 PHILIPS-BF840 Datasheet
41Kb / 8P
   NPN medium frequency transistor
1999 Apr 12
BF199 PHILIPS-BF199 Datasheet
54Kb / 8P
   NPN medium frequency transistor
1997 Jul 07
BFS20W NXP-BFS20W Datasheet
119Kb / 7P
   NPN medium frequency transistor
1999 Apr 21
logo
Guangdong Kexin Industr...
BF840 KEXIN-BF840 Datasheet
36Kb / 1P
   NPN Medium Frequency Transistor
logo
Nexperia B.V. All right...
BFS19 NEXPERIA-BFS19 Datasheet
284Kb / 8P
   NPN medium frequency transistor
2004 Jan 05
BFS20W NEXPERIA-BFS20W Datasheet
296Kb / 8P
   NPN medium frequency transistor
1999 Apr 21
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
   NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
   NPN medium frequency transistor
2004 Feb 05
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
   NPN medium frequency transistor
2004 Mar 15
logo
NXP Semiconductors
BF240 PHILIPS-BF240 Datasheet
41Kb / 8P
   NPN medium frequency transistor
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com