Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04T231WAZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T231WAZT
Description  6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T231WAZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH04T231WAZT Datasheet HTML 5Page - Texas Instruments PTH04T231WAZT Datasheet HTML 6Page - Texas Instruments PTH04T231WAZT Datasheet HTML 7Page - Texas Instruments PTH04T231WAZT Datasheet HTML 8Page - Texas Instruments PTH04T231WAZT Datasheet HTML 9Page - Texas Instruments PTH04T231WAZT Datasheet HTML 10Page - Texas Instruments PTH04T231WAZT Datasheet HTML 11Page - Texas Instruments PTH04T231WAZT Datasheet HTML 12Page - Texas Instruments PTH04T231WAZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS(1)(2)
CHARACTERISTIC DATA (V
I = 5 V)
0
60
1
80
70
2
4
5
6
3
50
100
90
2.5 V
3.3 V
1.8 V
1.5 V
1.0 V
0.7 V
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
0.7 V
VO
IO − Output Current − A
VIN = 5 V
IO − Output Current − A
0
1
2
4
5
6
3
0
0.9
0.6
0.3
1.5
1.2
2.5 V
1.8 V
1.2 V
0.7 V
1.0 V
3.3 V
3.3 V
2.5 V
1.8 V
1.2 V
1.0 V
0.7 V
VO
VIN = 5 V
IO − Output Current − A
1.5 V
0
1
2
4
5
6
3
20
16
8
4
24
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
0.7 V
VO
3.3 V
2.5 V
1.8 V
1.2 V
1.0 V
0.7 V
12
VIN = 5 V
IO − Output Current − A
Natural
Convection
0
1
2
4
5
6
3
20
60
50
40
30
07
90
80
All VO
PTH04T230W, PTH04T231W
SLTS271A – SEPTEMBER 2006 – REVISED OCTOBER 2006
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Figure 3.
AMBIENT TEMPERATURE
vs
OUTPUT CURRENT
Figure 4.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
Applies to Figure 4.
9
Submit Documentation Feedback


Similar Part No. - PTH04T231WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T231W TI-PTH04T231W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results

Similar Description - PTH04T231WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T230W TI-PTH04T230W_15 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T221W TI-PTH04T221W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T220W TI-PTH04T220W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T240W TI-PTH04T240W Datasheet
949Kb / 36P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T220W TI-PTH04T220W Datasheet
1Mb / 39P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com