Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-036DHD9-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # AB-036DHD9-FREQ
Description  PECL/LVPECL UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-036DHD9-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  AB-036DHD9-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AB-036DHD9-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AB-036DHD9-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PECL/LVPECL UHF VCXO
AB-X36DXXX Series
Description
The AB-X36DXXX Series of voltage controlled crystal oscillators (VCXO) provides ultra high frequency with
PECL/LVPECL complementary outputs. The outputs can be disabled for test automation or combining
multiple clocks. The device is based on low noise analog harmonic frequency multiplication, providing
exceptionally low Phase Noise and Jitter. It is packaged in a miniature, FR-4 based 9x14 mm SMD
package.
Applications and Features
• Wide frequency range – 200.0MHz to 1.000GHz
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SONET/SDH
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Extremely Low Phase Noise, Low Jitter
• SONET ±20ppm overall free-run stability available
• Absolute Pull Range (APR) to ±1000 ppm
• High shock resistance, to 1000g
• RoHS Compliant, Lead Free Construction
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0630B
Rev. C
AB - X 36D X X X - FREQ
Package Code
Absolute Pull Range, ppm
AB
6 pad 9x14mm SMD
E ±20
F ±32
Input Voltage
G ±50
0
5.0V±5%
H ±100
A
3.3V±5%
9 Customer specific
Enable Option
Temperature Range, °C
H
Enable High
A
0 to 50
L
Enable Low
B
0 to 70
C
-20 to 70
D
-40 to 85
9
Customer specific
Creating a Part Number


Similar Part No. - AB-036DHD9-FREQ

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0351BA-01WA-E40-S A-BRIGHT-AB-0351BA-01WA-E40-S Datasheet
203Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-01WA-G10-S A-BRIGHT-AB-0351BA-01WA-G10-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-12V0-M00-S A-BRIGHT-AB-0351BA-12V0-M00-S Datasheet
198Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-24V0-M00-S A-BRIGHT-AB-0351BA-24V0-M00-S Datasheet
199Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351GA-01WA-E40-S A-BRIGHT-AB-0351GA-01WA-E40-S Datasheet
203Kb / 3P
   HIGH POWER LED BULB
7/2/2007
More results

Similar Description - AB-036DHD9-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
logo
Golledge Electronics Lt...
GVXO38 GOLLEDGE-GVXO38 Datasheet
71Kb / 1P
   VCXO Complementray ECL/PECL UHF Range
logo
Advanced XTAL Products
AXIS50-11 AXTAL-AXIS50-11 Datasheet
248Kb / 2P
   UHF VCXO with LVPECL or Sinus Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com