Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2049D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2049D
Description  SINGLE-CHANNEL 100 mA POWER SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2049D Datasheet(HTML) 2 Page - Texas Instruments

  TPS2049D Datasheet HTML 1Page - Texas Instruments TPS2049D Datasheet HTML 2Page - Texas Instruments TPS2049D Datasheet HTML 3Page - Texas Instruments TPS2049D Datasheet HTML 4Page - Texas Instruments TPS2049D Datasheet HTML 5Page - Texas Instruments TPS2049D Datasheet HTML 6Page - Texas Instruments TPS2049D Datasheet HTML 7Page - Texas Instruments TPS2049D Datasheet HTML 8Page - Texas Instruments TPS2049D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATING RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPS2049
SLVS713 – OCTOBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTION AND ORDERING INFORMATION(1)
RECOMMENDED MAXIMUM
TYPICAL SHORT-CIRCUIT
NUMBER OF
TA
ENABLE
CONTINUOUS LOAD CURRENT
CURRENT LIMIT AT 25
°C
SOIC (D)
SWITCHES
(mA)
(mA)
–40
°C to 85°C
Active low
100
150
Single
TPS2049D(2)
(1)
For the most current package and ordering nformation, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The package is available taped and reeled. Add an R suffix to device types (e.g., TPS2042BDR)
over operating free-air temperature range unless otherwise noted(1)
VALUE
UNIT
VI(IN)
Input voltage range (2)
–0.3 to 6
V
VO(OUT) Output voltage range (2)
-0.3 to 6
V
VI(EN)
Input voltage range
–0.3 to 6
V
VI(OC)
Voltage range
–0.3 to 6
V
IO(OUT)
Continuous output current
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Human body model MIL-STD-883C
2
kV
Electrostatic discharge (ESD)
protection
Charge device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D-8
585.82 mW
5.8582 mW/°C
322.20 mW
234.32 mW
MIN
MAX
UNIT
VI(IN)
Input voltage
2.7
5.5
V
VI(EN)
Input voltage
0
5.5
V
IO(OUT)
Continuous output current
0
100
mA
TJ
Operating virtual junction temperature
–40
125
°C
2
Submit Documentation Feedback


Similar Part No. - TPS2049D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2041 TI-TPS2041 Datasheet
416Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2041 TI-TPS2041 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041A TI-TPS2041A Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041A TI1-TPS2041A Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041AD TI-TPS2041AD Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2049D

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com